Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 25Page - Seiko Instruments Inc MLP2012S Datasheet HTML 26Page - Seiko Instruments Inc MLP2012S Datasheet HTML 27Page - Seiko Instruments Inc MLP2012S Datasheet HTML 28Page - Seiko Instruments Inc MLP2012S Datasheet HTML 29Page - Seiko Instruments Inc MLP2012S Datasheet HTML 30Page - Seiko Instruments Inc MLP2012S Datasheet HTML 31Page - Seiko Instruments Inc MLP2012S Datasheet HTML 32Page - Seiko Instruments Inc MLP2012S Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
29
Characteristics (Typical Data)
1. Examples of Major Power Supply Dependence Characteristics (Ta =
+25°C)
(1) Current consumption during operation (IIN1) vs.
Operating input voltage (VIN)
Current consumption during switching off (IIN2) vs.
Operating input voltage (VIN)
(2) Current consumption during operation (ISS1) vs.
Output voltage (VOUT)
Current consumption during switching off (ISS2) vs.
Output voltage (VOUT)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
12
0
10
8
6
4
2
VIN [V]
IIN1, IIN2
5.0
4.0
3.0
2.0
1.0
0.0
VOUT [V]
1000
0
500
700
800
300
100
200
400
600
900
ISS1
ISS2
(3) Current consumption during power-off (ISSS) vs. Operating input voltage (VIN), Output voltage (VOUT)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN, VOUT [V]
1.0
0
0.5
0.7
0.8
0.3
0.1
0.2
0.4
0.6
0.9
(4) Oscillation frequency (fOSC) vs.
Output voltage (VOUT)
(5) Start-up oscillation frequency (fST) vs.
Operating input voltage (VIN)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.38
1.02
1.34
1.30
1.26
1.22
1.18
1.14
1.10
1.06
VOUT [V]
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN [V]
500
450
400
350
300
250
200
150
100
(6) Maximum duty ratio (MaxDuty) vs.
Output voltage (VOUT)
(7) Soft-start time (tSS) vs. Output voltage (VOUT)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
100
95
90
85
80
75
70
VOUT [V]
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.5
1.4
1.3
1.2
1.1
1.0
0.9
VOUT [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com