Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 12Page - Seiko Instruments Inc MLP2012S Datasheet HTML 13Page - Seiko Instruments Inc MLP2012S Datasheet HTML 14Page - Seiko Instruments Inc MLP2012S Datasheet HTML 15Page - Seiko Instruments Inc MLP2012S Datasheet HTML 16Page - Seiko Instruments Inc MLP2012S Datasheet HTML 17Page - Seiko Instruments Inc MLP2012S Datasheet HTML 18Page - Seiko Instruments Inc MLP2012S Datasheet HTML 19Page - Seiko Instruments Inc MLP2012S Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
16
1. Continuous current mode
The following explains the current that flows into the inductor when the step-up operation stabilizes in a certain
status and IOUT is sufficiently large.
When the Nch power MOS FET is turned on, current (I1) flows in the direction shown in Figure 14. The inductor
current (IL) at this time gradually increases in proportion with the ON time (tON) of the Nch power MOS FET, as
shown in Figure 15.
Current change of inductor within tON :
ΔIL(ON) = IL max. − IL min.
=
VIN
L × tON
When the Nch power MOS FET is turned off, the voltage of the CONT pin is stepped up to VOUT + VD and the
voltage on both ends of the inductor becomes VOUT + VD
− VIN. However, it is assumed here that VOUT >> VD and VD
is ignored.
Current change of inductor within tOFF :
ΔIL(OFF) =
VOUT
− VIN
L
× tOFF
The input power equals the output power in an ideal situation where there is no loss by components.
IIN(AV) :
PIN = POUT
IIN(AV)
× VIN = IOUT × VOUT
∴IIN(AV) =
VOUT
VIN × IOUT ........................ (1)
The current that flows in the inductor consists of a ripple current that changes due to variation over time and a
direct current.
From Figure 15 :
IIN(AV) :
IIN(AV) = IIN(DC) + Δ
IL
2
= IIN(DC) +
VOUT
− VIN
2
× L
× tOFF
= IIN(DC) +
VIN
2
× L ×
tON ............... (2)
Above, the continuous mode is the operation mode when IIN(DC) > 0 as shown in Figure 15 and the inductor current
continuously flows.
While the output current (IOUT) continues to decrease, IIN(DC) reaches 0 as shown in Figure 16. This point is the
critical point of the continuous mode.
As shown in equations (1) and (2), the direct current component (IIN(DC)) depends on IOUT.
IOUT(0) when IIN(DC) reaches 0 (critical point) :
IOUT(0) =
tON
× VIN2
2
× L × VOUT
When the output current decreases below IOUT(0), the current flowing in the inductor stops flowing in the tOFF period
as shown in Figure 17. This is the discontinuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com