Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 17Page - Seiko Instruments Inc MLP2012S Datasheet HTML 18Page - Seiko Instruments Inc MLP2012S Datasheet HTML 19Page - Seiko Instruments Inc MLP2012S Datasheet HTML 20Page - Seiko Instruments Inc MLP2012S Datasheet HTML 21Page - Seiko Instruments Inc MLP2012S Datasheet HTML 22Page - Seiko Instruments Inc MLP2012S Datasheet HTML 23Page - Seiko Instruments Inc MLP2012S Datasheet HTML 24Page - Seiko Instruments Inc MLP2012S Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
21
Standard Circuit
Error Amplifier
CIN
VIN
VOUT
VOUT
CONT
VSS
VIN
ON/OFF
Internal
Power Supply
ON/OFF
Circuit
Switching
Control
Circuit
Reference
Voltage
Source
PWM
Comparator
VIN
Σ
VOUT
SD
+
−
FB
Current
Limit Circuit
Oscillation
Circuit
SLOPE
Compensation
STU Mode
Circuit
MUX
+
−
Start-up
Circuit
L = 2.2
μH
COUT
10
μF
Ground point
CFB
COUT
0.1
μF
RFB1
RFB2
Figure 18
Caution The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using an actual application to set the constants.
Precaution
• Mount external capacitors and inductor as close as possible to the IC. Set single point ground.
• Characteristics ripple voltage and spike noise occur in IC containing switching regulators. Moreover rush current
flows at the time of a power supply injection. Because these largely depend on the inductor, the capacitor and
impedance of power supply used, perform sufficient evaluation with actual application.
• The 0.1 μF capacitor connected between the VOUT and VSS pins is a bypass capacitor. It stabilizes the power
supply in the IC when application is used with a heavy load, and thus effectively works for stable switching
regulator operation. Allocate the bypass capacitor as close to the IC as possible, prioritized over other parts.
• Although the IC contains a static electricity protection circuit, static electricity or voltage that exceeds the limit of
the protection circuit should not be applied.
• The power dissipation of the IC greatly varies depending on the size and material of the board to be connected.
Perform sufficient evaluation using an actual application before designing.
• SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com