Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 20Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 21Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 22Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 23Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 24Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 25Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 26Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 27Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
AD9444
Rev. 0 | Page 23 of 40
INPUT FREQUENCY (MHz)
1
40
75
70
65
60
55
50
45
1000
100
10
0.2ps
0.5ps
1.0ps
1.5ps
2.0ps
2.5ps
3.0ps
Figure 46. SNR vs. Input Frequency and Jitter
POWER CONSIDERATIONS
Care should be taken when selecting a power source. The use of
linear dc supplies is highly recommended. Switching supplies
tend to have radiated components that may be received by the
AD9444. Each of the power supply pins should be decoupled as
closely to the package as possible using 0.1 µF chip capacitors.
The AD9444 has separate digital and analog power supply
pins. The analog supplies are denoted AVDD1 (3.3 V) and
AVDD2 (5 V) and the digital supply pins are denoted DRVDD.
Although the AVDD1 and DRVDD supplies may be tied
together, best performance is achieved when the supplies are
separate. This is because the fast digital output swings can
couple switching current back into the analog supplies. Note
that both AVDD1 and AVDD2 must be held within 5% of the
specified voltage.
The DRVDD supply of the AD9444 is a dedicated supply for the
digital outputs, in either LVDS or CMOS output modes. When
in LVDS mode, the DRVDD should be set to 3.3 V. In CMOS
mode, the DRVDD supply may be connected from 2.5 V to
3.6 V to be compatible with the receiving logic.
DIGITAL OUTPUTS
LVDS Mode
The off-chip drivers on the chip can be configured to provide
LVDS-compatible output levels via Pin 5 (OUTPUT MODE).
LVDS outputs are available when OUTPUT MODE is CMOS
logic high (or AVDD1 for convenience) and a 3.74 kΩ RSET
resistor is placed at Pin 7 (LVDSBIAS) to ground. Dynamic
performance, including both SFDR and SNR, is maximized
when the AD9444 is used in LVDS mode, and designers are
encouraged to take advantage of this mode. The AD9444 out-
puts include complimentary LVDS outputs for each data bit
(DX+/DX−), the overrange output (OR+/OR−), and the output
data clock output (DCO+/DCO−). The RSET resistor current is
ratioed on-chip, setting the output current at each output equal
to a nominal 3.5 mA (11 ×
). A 100 Ω differential termina-
tion resistor placed at the LVDS receiver inputs results in a
nominal 350 mV swing at the receiver. LVDS mode facilitates
interfacing with LVDS receivers in custom ASICs and FPGAs
that have LVDS capability for superior switching performance
in noisy environments. Single point-to-point net topologies are
recommended with a 100 Ω termination resistor as close to the
receiver as possible. It is recommended to keep the trace length
less than 1 inch to 2 inches and to keep differential output trace
lengths as equal as possible.
SET
R
I
CMOS Mode
In applications that can tolerate a slight degradation in dynamic
performance, the AD9444 output drivers can be configured to
interface with 2.5 V or 3.3 V logic families by matching DRVDD
to the digital supply of the interfaced logic. CMOS outputs are
available when OUTPUT MODE is CMOS logic low (or AGND
for convenience). In this mode, the output data bits are single-
ended CMOS, DX, as is the overrange output, OR. The output
clock is provided as a differential CMOS signal, DCO+/DCO−.
Lower supply voltages are recommended to avoid coupling
switching transients back to the sensitive analog sections of the
ADC. The capacitive load to the CMOS outputs should be
minimized, and each output should be connected to a single
gate through a series resistor (220 Ω) to minimize switching
transients caused by the capacitive loading.
TIMING
The AD9444 provides latched data outputs with a pipeline delay
of 12 clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of CLK+. Refer to Figure 2 and
Figure 3 for detailed timing diagrams.
OPERATIONAL MODE SELECTION
Data Format Select
The data format select (DFS) pin of the AD9444 determines
the coding format of the output data. This pin is 3.3 V CMOS
compatible, with logic high (or AVDD1, 3.3 V) selecting twos
complement, and DFS logic low (AGND) selecting offset binary
format. Table 10 summarizes the output coding.
Output Mode Select
The OUPUT MODE pin controls the logic compatibility,
as well as the pinout of the digital outputs. This pin is a CMOS
compatible input. With OUTPUT MODE = 0 (AGND), the
AD9444 outputs are CMOS-compatible and the pin assignment
for the device is defined in Table 8. With OUTPUT MODE = 1
(AVDD1, 3.3 V), the AD9444 outputs are LVDS-compatible and
the pin assignment for the device is defined in Table 7.
Duty Cycle Stabilizer
The DCS circuit is controlled by the DCS MODE pin; a CMOS
logic low (AGND) on DCS MODE enables the DCS, and logic
high (AVDD1, 3.3 V) disables the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com