Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 33Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 34Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 35Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 36Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 37Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 38Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 39Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 40Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AD9444
Rev. 0 | Page 38 of 40
Item
Qty.
REFDES
Description
Manufacturer
MFG_PART_NO
26
26
C10, C11, C13, C14 to
C19, C29, C31, C36 to
C37, C38, C45, C49,
C59, C62,C69, C70 to
C73, C90, C93, C961
Capacitors, Select 10 V Ceramic X5R 0402
Panasonic
27
1
J51
Connector, Gold, Male, Coaxial, SMA, Vertical
Johnston Comp.
142-0701-201
28
15
R1,R2,R5,R7, R13,
R17 to R20, R27,
R36 to R401
Resistors, Select 1/16 W 1% 0402 SMD
Panasonic
29
3
R16, R41, R421
Resistors, Select 1/16 W 5% 0603 SMD
Panasonic
30
1
C631
Capacitor, Select 10 V Ceramic X5R 0603
Panasonic
31
1
U41
XOR 74VCX86D
Fairchild
74VCX86D
32
2
P5, P61
Power Connectors
Weiland
1 Parts not placed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com