Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 24Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 25Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 26Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 27Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 28Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 29Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 31Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
AD9444
Rev. 0 | Page 27 of 40
P1
P3
P5
P7
P9
P11
P13
P15
P17
P19
P21
P23
P25
P27
P29
P31
P33
P35
P37
P39
P2
P4
P6
P8
P10
P12
P14
P16
P18
P20
P22
P24
P26
P28
P30
P32
P34
P36
P38
P40
P1
P3
P5
P7
P9
P11
P13
P15
P17
P19
P21
P23
P25
P27
P29
P31
P33
P35
P37
P39
P2
P4
P6
P8
P10
P12
P14
P16
P18
P20
P22
P24
P26
P28
P30
P32
P34
P36
P38
P40
P3
C40MS
GND
PWR
74VCX86
+
RSO16ISO
220
R8
R7
R6
R5
R4
R3
R1
R2
RSO16ISO
220
8
7
6
5
4
3
1
2
16
15
14
13
12
11
10
9
RZ4
8
7
6
5
4
3
1
2
16
15
14
13
12
11
10
9
RZ5
7
14
11
8
6
3
U10
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
P6
C40MS
D13O
D11O
D9O
D7O
D6O
D5O
D2O
D1O
D0O
D3O
D4O
D8O
D10O
D12O
ORO
D11_C/D7_YN
D10_C/D5_YN
D9_C/D3_YN
D8_C/D1_YN
D7_CN
DRBN
D6_CN
D5_CN
D0_CN
D0_TN
D1_TN
D2_TN
D3_TN
D4_TN
D5_TN
D6_TN
DRN
D7_T/D0_YN
D8_T/D2_YN
D9_T/D4_YN
D10_T/D6_YN
D11_T/D8_YN
D12_T/D10_YN
D13_T/D12_YN
DRO
D0O
D1O
D3O
D4O
D5O
D6O
D2O
DOR_C/D13_YN
DOR_T/DOR_YN
D13_C/D11_YN
D12_C/D9_YN
D1_CN
D2_CN
D3_CN
D4_CN
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
D7O
D8O
D9O
D10O
D11O
D12O
D13O
ORO
E34
E43
E32
VDL
GND
GND5
VCC6
VCC5
GND4
END
D4Y
D3Y
D2Y
D1Y
ENC
C4Y
C3Y
C2Y
C1Y
GND3
VCC4
VCC3
GND2
B4Y
B3Y
B2Y
B1Y
ENB
A4Y
A3Y
A2Y
A1Y
ENA
GND1
VCC2
VCC1
GND
D4B
D4A
D3B
D3A
D2B
D2A
D1B
D1A
C4B
C4A
C3B
C3A
C2B
C2A
C1B
C1A
B4B
B4A
B3B
B3A
B2B
B2A
B1B
B1A
A4B
A4A
A3B
A3A
A2B
A2A
A1B
A1A
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
U7
SN75LVDS386
DOR_C/D13_YN
D13_C/D11_YN
D12_C/D9_YN
D11_C/D7_YN
D10_C/D5_YN
D9_C/D3_YN
D8_C/D1_YN
D3_CN
DOR_T/DOR_YN
D13_T/D12_YN
D12_T/D10_YN
D11_T/D8_YN
D10_T/D6_YN
D9_T/D4_YN
D8_T/D2_YN
D7_T/D0_YN
D7_CN
DRN
DRBN
D6_TN
D6_CN
D5_CN
D5_TN
D4_TN
D4_CN
D3_TN
D2_TN
D2_CN
D1_TN
D1_CN
D0_TN
D0_CN
DRP
VDL
VDL
GND
GND
GND
VDL
VDL
GND
VDL
VDL
GND
VDL
VDL
VDL
VDL
GND
R8
R7
R6
R5
R4
R3
R1
R2
4Y
3Y
2Y
1Y
1
2
4
5
9
10
12
13
1A
1B
2A
2B
3A
3B
4A
4B
C76
10
µF
C97
0.1
µF
C82
0.1
µF
C80
0.1
µF
81
0.1
µF
VDL
GND
GND
00
R53
XORN
GND
00
R52
GND
VDL
DRO
Figure 50. LVDS Mode Evaluation Board Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com