Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 31 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 27Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 28Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 29Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 31Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 32Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 33Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 34Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9444
Rev. 0 | Page 30 of 40
LVDS MODE EVALUATION BOARD BILL OF MATERIALS (BOM)
Table 11.
Item
Qty.
REFDES
Description
Manufacturer
MFG_PART_NO
1
1
AD9444PCB
PCB, AD9444 LVDS Engineering Evaluation Board
PCSM
AD9444LVDSCUSTREVC
2
16
C1, C4, C6,
C33, C34,
C39, C44,
C55 to C57,
C64, C65,
C76, C87 to
C89
Capacitors, Tantalum, SMT BCAPTAJC, 10 µF, 16 V, 10%
KEMET
T491C106K016AS
3
38
C2, C3, C5,
C9, C12, C20
to C24, C26
to C28, C30,
C32, C35,
C40, C42,
C43, C46 to
C48, C50,
C52, C53,
C58, C60,
C61, C75,
C80 to C82,
C85, C86,
C91 to C93,
C97
Capacitors, 0.1 µF 10 V Ceramic X5R 0402
Panasonic
ECJ-0EB1A104K
4
1
C51
Capacitor, Ceramic 10 µF 6.3 V X5R 0805
KEMET
C0805C106K9PACTU
5
1
CR2
Diode, Dual Schottky HSMS2812, SOT-23, 30 V, 20 mA
Panasonic
MA716-(TX)
6
17
E1 to E3, E24,
to E27, E32,
E34, E38,
E39, E40,
E41, E43,
E46, E47, E52
40-Pin Breakable Header
3M
2340-611TN
7
2
J1, J4
Connector, Gold, Male, Coaxial, SMA, Vertical
Johnston Comp.
142-0701-201
8
1
L1
10 nH Inductor
Coilcraft
0603CJ-10NXGBU
9
1
P3
Header, 40-Pin, Male, 40-Pin Right Angle
Samtec
TSW-120-08-T-D-RA
10
1
P4
Power Jack
Swithcraft
RAPC722
11
1
R3
Resistor, 3.6 kΩ 1/16 W 1% 0402 SMD
Panasonic
ERJ-2GEJ362X
12
2
R4, R6
Resistor, 36 Ω 1/16 W 5% 0402 SMD
Panasonic
ERJ-2GEJ360X
13
1
R8
Resistor, 49.9 Ω 1/16 W 1% 0402 SMD
Panasonic
ERJ-2RKF49R9X
14
4
R9, R12, R14,
R15
Resistor, 1.00 kΩ 1/16 W 1% 0402 SMD
Panasonic
ERJ-2RKF1001X
15
2
R28, R35
Resistor, 33 Ω 1/16 W 5% 0402 SMD
Panasonic
ERJ-2GEJ330X
16
3
R39, R52,
R53
Resistor, 0 Ω 1/16 W 5% 0402 SMD
Panasonic
ERJ-2GE0R00X
17
2
RZ4, RZ5
22 Ω Resistor Array, 16 Term
CTS Corp.
742163220JTR
18
2
T3, T5
Transformer, ADT1-1WT, CD542, ADT1-1WT
Mini-Circuits
ADT1-1WT
19
1
U1
14-Bit, 80 MSPS ADC
ADI
AD9444BSVZ-80
20
3
U3, U4, U15
3.3 V Voltage Regulator
ADI
ADP3338-3.3 V
21
1
U14
5 V Voltage Regulator
ADI
ADP3338-5.0 V
22
1
U6
Clock Oscillator, 80 MHz
CTS Reeves
MX045-80
23
1
U7
LVDS-to-CMOS Translator with 100 Term
Texas Instruments
SN75LVDT386DGG
24
1
U10
2 Input XOR Gate
Fairchild
74VCX86M
25
4
U6
Pin Sockets, Closed End
AMP
5-330808-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com