Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 22Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 23Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 24Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 25Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 26Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 27Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 28Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 29Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
AD9444
Rev. 0 | Page 25 of 40
LVDS EVALUATION BOARD SCHEMATICS
C40
0.1
µF
OPTIONAL
97
96
86
95
26
27
34
92
93
94
28
29
30
31
40
39
41
42
35
38
90
91
87
43
44
76
77
78
79
80
81
45
46
49
50
88
84
85
48
82
47
83
32
33
100
89
36
37
101
98
99
R3
3.8k
Ω
5
4
3
2
6
7
8
D2_CN
D2_TN
DOR_T/DOR_YN
H4
MTHOLE6
GND
C3
0.1
µF
C9
0.1
µF
R1
3.8k
Ω
ENCB
ENC
DRVDD
DRVDD
GND
GND
DOR_C/D13_YN
D1_TN
D1_CN
D13_T/D12_YN
D13_C/D11_YN
D12_T/D10_YN
D12_C/D9_YN
D11_T/D8_YN
D11_C/D7_YN
D0_TN
D0_CN
VCC
VCC
VCC
VCC
5V
5V
VCC
VCC
VCC
VCC
GND
GND
33
Ω
R35
R28
33
Ω
C91
0.1
µF
GND
VDL
GND
DRVDD
GND
VCC
5V
GND
GND
GND
EPAD
1
H3
MTHOLE6
H1
MTHOLE6
H2
MTHOLE6
VCC
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
R2
3.8k
Ω
C51
10
µF
C2
0.1
µF
C24
0.1
µF
GND
R39
XX
50
Ω
R7
C26
0.1
µF
C36
0.1
µF
1
3
2
CR2
50
Ω
R8
XTALINPUTB
D13–
D12+
D12–
D11+
D11–
DCS MOD
AGND
AVDD1
AGND
AGND
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AGND
AVDD1
AGND
OR+
OR–
DRVDD
DRGND
D13+ (MSB)
AVDD1
AVDD1
AVDD2
AVDD2
AVDD2
AVDD2
AGND
C1
AVDD1
AVDD1
CLK+
CLK–
AVDD1
AVDD2
AVDD2
AVDD1
AVDD1
(LSB) D0–
D0+
D1–
D1+
DRVDD
DRGND
D2–
D2+
R27
XX
R37
XX
R20
XX
R36
XX
+
Figure 47. LVDS Mode Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com