Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 8Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 9Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 10Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 11Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 12Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 13Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 14Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 15Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AD9444
Rev. 0 | Page 11 of 40
Table 7. Pin Function Descriptions—100-Lead TQFP/EP in LVDS Mode
Pin No.
Mnemonic
Description
1, 8 to 9,
16 to 18,
24 to 27,
34 to 35, 38,
41 to 42, 87,
89 to 95, 98
AVDD1
3.3 V (±5%) Analog Supply.
2 to 4
DNC
Do Not Connect. These pins
should float.
5
OUTPUT
MODE
CMOS Compatible Output Logic
Mode Control Pin. OUTPUT MODE
= 0 for CMOS mode, and OUTPUT
MODE = 1 (AVDD1) for LVDS
outputs.
6
DFS
Data Format Select Pin. CMOS
control pin that determines the
format of the output data. DFS =
high (AVDD1) for twos comple-
ment, DFS = low (ground) for
offset binary format.
7
LVDSBIAS
Set Pin for LVDS Output Current.
Place 3.7 kΩ resistor terminated to
DRGND.
10
SENSE
Reference Mode Selection.
Connect to AGND for internal 1 V
reference, and connect to AVDD2
for external reference.
11
VREF
1.0 V Reference I/O—Function
Dependent on SENSE. Decouple
to ground with 0.1 µF and 10 µF
capacitors.
12, 15, 20,
23, 32, 86,
88, 96 to 97,
99, Exposed
Heat Sink
AGND
Analog Ground. The exposed
heat sink on the bottom of the
package must be connected to
AGND.
13
REFT
Differential Reference Output.
Decoupled to ground with 0.1 µF
capacitor and to REFB (Pin 14) with
0.1 µF and 10 µF capacitors.
14
REFB
Differential Reference Output.
Decoupled to ground with a 0.1 µF
capacitor and to REFT (Pin 13) with
0.1 µF and 10 µF capacitors.
19, 28 to 31,
39 to 40
AVDD2
5.0 V Analog Supply (±5%).
21
VIN+
Analog Input—True.
22
VIN−
Analog Input—Complement.
33
C1
Internal Bypass Node. Connect a
0.1 µF capacitor from this pin
to AGND.
36
CLK+
Clock Input—True.
37
CLK−
Clock Input—Complement.
43
D0− (LSB)
D0 Complement Output Bit
(LVDS Levels).
Pin No.
Mnemonic
Description
44
D0+
D0 True Output Bit.
45
D1−
D1 Complement Output Bit.
46
D1+
D1 True Output Bit.
47, 54, 62,
75, 83
DRVDD
3.3 V Digital Output Supply
(3.0 V to 3.6 V).
48, 53, 61,
67, 74, 82
DRGND
Digital Ground.
49
D2−
D2 Complement Output Bit.
50
D2+
D2 True Output Bit.
51
D3−
D3 Complement Output Bit.
52
D3+
D3 True Output Bit.
55
D4−
D4 Complement Output Bit.
56
D4+
D4 True Output Bit.
57
D5−
D5 Complement Output Bit.
58
D5+
D5 True Output Bit.
59
D6−
D6 Complement Output Bit.
60
D6+
D6 True Output Bit.
63
DCO−
Data Clock Output—Complement.
64
DCO+
Data Clock Output—True.
65
D7−
D7 Complement Output Bit.
66
D7+
D7 True Output Bit.
68
D8−
D8 Complement Output Bit.
69
D8+
D8 True Output Bit.
70
D9−
D9 Complement Output Bit.
71
D9+
D9 True Output Bit.
72
D10−
D10 Complement Output Bit.
73
D10+
D10 True Output Bit.
76
D11−
D11 Complement Output Bit.
77
D11+
D11 True Output Bit.
78
D12−
D12 Complement Output Bit.
79
D12+
D12 True Output Bit.
80
D13−
D13 Complement Output.
81
D13+ (MSB)
D13 True Output Bit.
84
OR−
Out-of-Range Complement
Output Bit.
85
OR+
Out-of-Range True Output Bit.
100
DCS MODE
Clock Duty Cycle Stabilizer (DCS)
Control Pin, CMOS-Compatible.
DCS = low (AGND) to enable DCS
(recommended). DCS = high
(AVDD1) to disable DCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com