Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9444-CMOS/PCB Datasheet HTML 1Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 2Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 3Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 4Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 5Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 6Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 7Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 8Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD9444
Rev. 0 | Page 4 of 40
AC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, sample rate = 80 MSPS, 2 V p-p differential input, internal trimmed
reference (1.0 V mode), AIN = −0.5 dBFS, DCS on, unless otherwise noted.
Table 2.
AD9444BSVZ-80
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 10 MHz
25°C
IV
73.0
74.0
dB
Full
IV
72.7
dB
fIN = 35 MHz
25°C
I
72.4
73.7
dB
Full
IV
72.3
dB
fIN = 70 MHz
25°C
IV
72.3
73.1
dB
Full
IV
72.0
dB
fIN = 100 MHz
25°C
V
72.3
dB
SIGNAL-TO-NOISE-AND DISTORTION (SINAD)
fIN = 10 MHz
25°C
IV
73.0
74.0
dB
Full
IV
72.7
dB
fIN = 35 MHz
25°C
I
72.4
73.7
dB
Full
IV
72.2
dB
fIN = 70 MHz
25°C
IV
72.2
73.1
dB
Full
IV
72.0
dB
fIN = 100 MHz
25°C
V
72.3
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
V
12.1
Bits
fIN = 35 MHz
25°C
V
12.0
Bits
fIN = 70 MHz
25°C
V
11.9
Bits
fIN = 100 MHz
25°C
V
11.8
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 10 MHz
25°C
IV
91
97
dBc
Full
IV
87
dBc
fIN = 35 MHz
25°C
I
91
97
dBc
Full
IV
87
dBc
fIN = 70 MHz
25°C
IV
90
97
dBc
Full
IV
87
dBc
fIN = 100 MHz
25°C
V
96
dBc
WORST HARMONIC, SECOND OR THIRD
fIN = 10 MHz
25°C
IV
−97
−91
dBc
Full
IV
−87
dBc
fIN = 35 MHz
25°C
I
−97
−91
dBc
Full
IV
−87
dBc
fIN = 70 MHz
25°C
IV
−97
−90
dBc
Full
IV
−87
dBc
fIN = 100 MHz
25°C
V
−96
dBc
WORST SPUR EXCLUDING SECOND OR HARMONICS
fIN = 10 MHz
25°C
IV
−102
−93
dBc
Full
IV
−93
dBc
fIN = 35 MHz
25°C
I
−103
−93
dBc
Full
IV
−93
dBc
fIN = 70 MHz
25°C
IV
−102
−93
dBc
Full
IV
−93
dBc
fIN = 100 MHz
25°C
V
−99
dBc
TWO-TONE SFDR
fIN = 10.8 MHz @ −7 dBFS, 9.8 MHz @ −7 dBFS
25°C
V
−102
dBFS
fIN = 70.3 MHz @ −7 dBFS, 69.3 MHz @ −7 dBFS
25°C
V
−100
dBFS
ANALOG BANDWIDTH
Full
V
650
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com