Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 33 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 29Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 31Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 32Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 33Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 34Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 35Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 36Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AD9444
Rev. 0 | Page 32 of 40
CMOS EVALUATION BOARD SCHEMATICS
C40
0.1
µF
OPTIONAL
97
96
86
95
26
27
34
92
93
94
28
29
30
31
40
39
41
42
35
38
90
91
87
43
44
76
77
78
79
80
81
45
46
49
50
88
84
85
48
82
47
83
32
33
100
89
36
37
101
98
99
R3
3.8k
DORT/DORY
H4
MTHOLE6
GND
C3
0.1
µF
C9
0.1
µF
R1
3.8k
ENCB
ENC
DRVDD
DRVDD
GND
GND
DORC/D13Y
D13T/D12YN
D13C/D11YN
D12T/D10YN
D12C/D9YN
D11T/D8YN
D11C/D7YN
VCC
VCC
VCC
VCC
5V
5V
VCC
VCC
VCC
VCC
GND
GND
33
R35
R28
33
C91
0.1
µF
GND
GND
EPAD
H3
MTHOLE6
H1
MTHOLE6
H2
MTHOLE6
VCC
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
R2
3.8k
C51
10
µF
C78
0.1
µF
C2
0.1
µF
GND
R39
XX
50
R7
C26
0.1
µF
C36
0.1
µF
1
3
2
CR2
50
R8
R27
XX
R37
XX
R20
XX
R36
XX
AVDD1
AVDD1
AVDD2
AVDD2
AVDD2
AVDD2
AGND
C1
AVDD1
AVDD1
CLK+
CLK–
AVDD1
AVDD2
AVDD2
AVDD1
AVDD1
DNC
DNC
DNC
DNC
DRVDD
DRGND
DNC
DNC
5
4
3
2
6
7
8
GND
VDL
GND
DRVDD
GND
VCC
5V
GND
1
+
DCS MODE
AGND
AVDD1
AGND
AGND
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AGND
DRVDD
AGND
OR
(MSB) D13
DRVDD
DRGND
D12
D11
D10
D9
D8
D7
Figure 59. CMOS Mode Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com