Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 33Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 34Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 35Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 36Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 37Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 38Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 39Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 40Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
AD9444
Rev. 0 | Page 37 of 40
CMOS MODE EVALUATION BOARD BILL OF MATERIALS (BOM)
Table 12.
Item
Qty.
REFDES
Description
Manufacturer
MFG_PART_NO
1
1
AD9444PCB
PCB, AD9444 LVDS Evaluation Board
PCSM
AD9444LVDSCUSTREVC
2
16
C1, C4, C6, C33, C34,
C39, C44, C55 to
C57, C64 to C66,
C87 to C89
Capacitors, Tantalum, SMT BCAPTAJC, 10 µF, 16 V, 10%
KEMET
T491C106K016AS
3
32
C2, C3, C5, C9, C12,
C20 to C23, C26 to
C28, C30, C32, C35,
C40, C42, C43, C46 to
C48, C50, C52, C53,
C58, C60, C61, C75,
C78, C85, C91, C92
Capacitors, 0.1 µF 10 V Ceramic X5R 0402
Panasonic
ECJ-0EB1A104K
4
5
C24, C25, C41, C67,
C68
Capacitors, 0.1 µF 16 V Ceramic X7R 0603
Panasonic
ECJ-1VB1C104K
5
1
C51
Capacitor, Ceramic 10 µF 6.3 V X5R 0805
KEMET
C0805C106K9PACTU
6
1
CR2
Diode, Dual Schottky HSMS2812, SOT-23, 30 V, 20 mA
Panasonic
MA716-(TX)
7
20
E1 to E3, E24 to E27,
E30 to E32, E38 to
E42, E45 to E47,
E49, E52
40-Pin Breakable Header
3M
2340-611TN
8
2
J1, J4
Connector, Gold, Male, Coaxial, SMA, Vertical
Johnston Comp.
142-0701-201
9
1
L1
10 nH O402 Inductor
Coilcraft
0402CS-10NX_B_
10
1
P3
Header, 40-Pin, Male, 40-Pin Right Angle
Samtec
TSW-120-08-T-D-RA
11
1
P4
Power Jack
Swithcraft
RAPC722
12
1
R3
Resistor, 3.6 kΩ 1/16 W 1% 0402 SMD
Panasonic
ERJ-2GEJ362X
13
2
R4, R6
Resistors, 36 Ω 1/16 W 5% 0402 SMD
Panasonic
ERJ-2GEJ360X
14
1
R8
Resistor, 49.9 Ω 1/16 W 1% 0402 SMD
Panasonic
ERJ-2RKF49R9X
15
4
R9, R12, R15, R21
Resistors, 1.00 kΩ 1/16 W 1% 0402 SMD
Panasonic
ERJ-2RKF1001X
16
2
R14, R50
Resistors, 0 Ω 1/10 W 5% 0603 SMD
Panasonic
ERJ-3GEY0R00V
17
2
R28, R35
Resistors, 33 Ω 1/16 W 5% 0402 SMD
Panasonic
ERJ-2GEJ330X
18
1
R39
Resistor, 0 Ω 1/16 W 5% 0402 SMD
Panasonic
ERJ-2GE0R00X
19
4
RZ1 to RZ3, RZ6
220 Ω Resistor Array, 16 Term
CTS Corp.
742163221JTR
20
2
T3, T5
Transformer, ADT1-1WT, CD542, ADT1-1WT
Mini-Circuits
ADT1-1WT
21
1
U1
14-Bit, 80 MSPS ADC
ADI
AD9444BSVZ-80
22
4
U3, U8, U15
3.3 V Voltage Regulator
ADI
ADP3338-3.3 V
23
1
U14
5 V Voltage Regulator
ADI
ADP3338-5.0 V
24
1
U5
16-Bit Flip Flop
Fairchild
74LVTH162374
25
4
U6
Pin Sockets, Closed End
AMP
5-330808-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com