Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 23Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 24Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 25Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 26Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 27Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 28Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 29Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 30Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AD9444
Rev. 0 | Page 26 of 40
IN
OUT
OUT1
3.3V
C1
10
µF
C57
10
µF
3
4
2
1
ADP3338
U4
GND
+
+
IN
OUT
OUT1
3.3V
C34
10
µF
C88
10
µF
3
4
2
1
ADP3338
U3
GND
+
+
IN
OUT
OUT1
3.3V
C6
10
µF
C87
10
µF
3
4
2
1
ADP3338
U15
GND
+
+
IN
OUT
OUT1
5V
C4
10
µF
C89
10
µF
3
4
2
1
ADP3338
U14
GND
+
+
PJ-102A
C33
10
µF
1
3
2
P4
+
1
3
2
POWER OPTIONS
Figure 48. LVDS Mode Evaluation Board Schematic (Continued)
+
C64
10
µF
C75
0.1
µF
VCC
GND
+
C65
10
µF
C47
0.1
µF
C23
0.1
µF
C22
0.1
µF
C21
0.1
µF
C20
0.1
µF
DRVDD
GND
EXTREF
GND
+
C46
0.1
µF
C61
0.1
µF
C60
0.1
µF
C50
0.1
µF
C48
0.1
µF
C27
0.1
µF
C28
0.1
µF
C30
0.1
µF
C32
0.1
µF
C35
0.1
µF
C43
0.1
µF
C90
XX
VCC
GND
C18
XX
C19
XX
C29
XX
C38
XX
C37
XX
C31
XX
C15
XX
C16
XX
C17
XX
C14
XX
C11
XX
C10
XX
C69
XX
C70
XX
C45
XX
C49
XX
C59
XX
DRVDD
GND
+
C56
10
µF
C85
0.1
µF
C53
0.1
µF
C52
0.1
µF
C58
0.1
µF
5V
GND
C71
XX
C72
XX
C73
XX
C62
XX
5V
GND
C55
10
µF
P19
GND
Figure 49. LVDS Mode Evaluation Board Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com