Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9444-CMOS/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9444-CMOS/PCB
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444-CMOS/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9444-CMOS/PCB Datasheet HTML 12Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 13Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 14Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 15Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 16Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 17Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 18Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 19Page - Analog Devices AD9444-CMOS/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
AD9444
Rev. 0 | Page 15 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, sample rate = 80 MSPS, LVDS mode, DCS enabled, TA = 25°C, 2 V p-p differential
input, AIN = −0.5 dBFS, internal trimmed reference (nominal VREF = 1.0 V), unless otherwise noted.
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
10.1MHz @ –0.5dBFS
SNR: 73.9dB
ENOB: 12.0BITS
SFDR: 97dBc
0
Figure 12. 64K Point Single-Tone FFT/80 MSPS/10.1 MHz
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
30.3MHz @ –0.5dBFS
SNR: 74.0dB
ENOB: 12.1BITS
SFDR: 95dBc
0
Figure 13. 64K Point Single-Tone FFT/80 MSPS/30.3 MHz
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
70.3MHz @ –0.5dBFS
SNR: 73.3dB
ENOB: 11.9BITS
SFDR: 100dBc
0
Figure 14. 64K Point Single-Tone FFT/80 MSPS/70 MHz
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
100.3MHz @ –0.5dBFS
SNR: 72.3dB
ENOB: 11.8BITS
SFDR: 96dBc
0
Figure 15. 64K Point Single-Tone FFT/80 MSPS/100 MHz
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
0
80MSPS
125MHz @ –0.5dBFS
SNR: 71.2dB
ENOB: 11.6BITS
SFDR: 91dBc
Figure 16. 64K Point Single-Tone FFT/80 MSPS/125 MHz
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
151MHz @ –0.5dBFS
SNR: 71.1dB
ENOB: 11.5BITS
SFDR: 87dBc
0
Figure 17. 64K Point Single-Tone FFT/80 MSPS/151 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com