Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
ADAU1461
Rev. 0 | Page 34 of 88
HEADPHONE OUTPUT
The LHP and RHP pins can be driven by either a line output
driver or a headphone driver by setting the HPMODE bit in
Register R30 (playback headphone right volume control register,
Address 0x4024). The headphone outputs can drive a load of at
least 16 Ω.
Separate volume controls for the left and right channels range
from −57 dB to +6 dB. Slew can be applied to all the playback
volume controls using the ASLEW[1:0] bits in Register R34
(playback pop/click suppression register, Address 0x4028).
Capless Headphone Configuration
The headphone outputs can be configured in a capless output
configuration with the MONOOUT pin used as a dc virtual
ground reference. Figure 45 depicts a typical playback path in
a capless headphone configuration. Table 18 lists the register
settings for this configuration. As shown in this table, the
MONOOUT pin outputs common mode (AVDD/2), which
is used as the virtual headphone reference.
LHP
MONOOUT
MIXER 3
LEFT
DAC
MX3LM
LHPVOL[5:0]
MX3EN
RHP
MIXER 4
RHPVOL[5:0]
RIGHT
DAC
MX4RM
MX4EN
MIXER 7
MX7[1:0]
MONOM
MOMODE
MX7EN
Figure 45. Capless Headphone Configuration Diagram
Table 18. Capless Headphone Register Settings
Register
Bit Name
Setting
R36
DACEN[1:0]
11 = both DACs on
R22
MX3EN
1 = enable Mixer 3
MX3LM
1 = unmute left DAC input
R24
MX4EN
1 = enable Mixer 4
MX4RM
1 = unmute right DAC input
R28
MX7EN
1 = enable Mixer 7
MX7[1:0]
00 = common-mode output
R33
MONOM
1 = unmute mono output
MOMODE
1 = headphone output
R29
LHPVOL[5:0]
Desired volume for LHP output
LHPM
1 = unmute left headphone output
R30
HPMODE
1 = headphone output
RHPVOL[5:0]
Desired volume for RHP output
RHPM
1 = unmute right headphone output
Headphone Output Power-Up/Power-Down Sequencing
To prevent pops when turning on the headphone outputs, the
user must wait at least 4 ms to unmute these outputs after
enabling the headphone output with the HPMODE bit. This is
because of an internal capacitor that must charge before these
outputs can be used. Figure 46 and Figure 47 illustrate the
headphone power-up/power-down sequencing.
For capless headphones, configure the MONOOUT pin before
unmuting the headphone outputs.
USER
DEFINED
4ms
HPMODE
1 = HEADPHONE
INTERNAL
PRECHARGE
RHPM AND LHPM
1 = UNMUTE
Figure 46. Headphone Output Power-Up Timing
USER DEFINED
HPMODE
0 = LINE OUTPUT
RHPM AND LHPM
0 = MUTE
Figure 47. Headphone Output Power-Down Timing
Ground-Centered Headphone Configuration
The headphone outputs can also be configured as ground-
centered outputs by placing coupling capacitors on the LHP
and RHP pins. Ground-centered headphones should use the
AGND pin as the ground reference.
When the headphone outputs are configured in this manner,
the capacitors create a high-pass filter on the outputs. The
corner frequency of this filter, at which point its attenuation
is 3 dB, is calculated by the following formula:
f3dB = 1/(2π × R × C)
where:
C is the capacitor value.
R is the impedance of the headphones.
For a typical headphone impedance of 16 Ω and a 47 μF
capacitor, the corner frequency is 211 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com