Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
ADAU1461
Rev. 0 | Page 69 of 88
R29: Playback Headphone Left Volume Control, 16,419 (0x4023)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LHPVOL[5:0]
LHPM
HPEN
Table 61. Playback Headphone Left Volume Control Register
Bits
Bit Name
Description
[7:2]
LHPVOL[5:0]
Headphone volume control for left channel, LHP output. Each 1-bit step corresponds to a 1 dB increase in volume.
See Table 93 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
LHPM
Headphone mute for left channel, LHP output (active low).
0 = mute.
1 = unmute (default).
0
HPEN
Headphone volume control enable. Logical OR with the HPMODE bit in Register R30. If either the HPEN bit or
the HPMODE bit is set to 1, the headphone output is enabled.
0 = disabled (default).
1 = enabled.
R30: Playback Headphone Right Volume Control, 16,420 (0x4024)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RHPVOL[5:0]
RHPM
HPMODE
Table 62. Playback Headphone Right Volume Control Register
Bits
Bit Name
Description
[7:2]
RHPVOL[5:0]
Headphone volume control for right channel, RHP output. Each 1-bit step corresponds to a 1 dB increase in
volume. See Table 93 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
RHPM
Headphone mute for right channel, RHP output (active low).
0 = mute.
1 = unmute (default).
0
HPMODE
RHP and LHP output mode. These pins can be configured for either line outputs or headphone outputs. Logical
OR with the HPEN bit in Register R29. If either the HPMODE bit or the HPEN bit is set to 1, the headphone output
is enabled.
0 = enable line output (default).
1 = enable headphone output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com