Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
ADAU1461
Rev. 0 | Page 37 of 88
The R/W bit determines the direction of the data. A Logic 0 on
the LSB of the first byte means that the master will write infor-
mation to the peripheral, whereas a Logic 1 means that the
master will read information from the peripheral after writing
the subaddress and repeating the start address. A data transfer
takes place until a stop condition is encountered. A stop
condition occurs when SDA transitions from low to high while
SCL is held high.
shows the timing of an I2C write,
and
shows an I2C read.
Figure 49
Figure 50
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, the ADAU1461 immediately
jumps to the idle condition. During a given SCL high period,
the user should only issue one start condition, one stop condition,
or a single stop condition followed by a single start condition. If
an invalid subaddress is issued by the user, the ADAU1461 does
not issue an acknowledge and returns to the idle condition.
If the user exceeds the highest subaddress while in autoincrement
mode, one of two actions is taken. In read mode, the ADAU1461
outputs the highest subaddress register contents until the master
device issues a no acknowledge, indicating the end of a read. A
no acknowledge condition is where the SDA line is not pulled
low on the ninth clock pulse on SCL. If the highest subaddress
location is reached while in write mode, the data for the invalid
byte is not loaded into any subaddress register, a no acknowledge
is issued by the ADAU1461, and the part returns to the idle
condition.
R/W
0
SCL
SDA
SDA
(CONTINUED)
SCL
(CONTINUED)
11
1
ADDR0
ADDR1
0
START BY
MASTER
FRAME 1
CHIP ADDRESS BYTE
FRAME 2
SUBADDRESS BYTE 1
FRAME 3
FRAME 4
ACK BY
ADAU1461
ACK BY
ADAU1461
ACK BY
ADAU1461
ACK BY
ADAU1461
STOP BY
MASTER
SUBADDRESS BYTE 2
DATA BYTE 1
Figure 49. I2C Write to ADAU1461 Clocking
R/W
SCL
SDA
SDA
(CONTINUED)
SCL
(CONTINUED)
START BY
MASTER
FRAME 2
SUBADDRESS BYTE 1
FRAME 1
CHIP ADDRESS BYTE
ACK BY
ADAU1461
ACK BY
ADAU1461
ACK BY
ADAU1461
ACK BY
ADAU1461
REPEATED
START BY MASTER
SDA
(CONTINUED)
SCL
(CONTINUED)
FRAME 3
SUBADDRESS BYTE 2
FRAME 4
CHIP ADDRESS BYTE
FRAME 5
READ DATA BYTE 1
STOP BY
MASTER
ACK BY
MASTER
01
1
1
R/W
ADDR0
ADDR0
ADDR1
0
ADDR1
01
1
1
0
Figure 50. I2C Read from ADAU1461 Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com