Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 81Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 82Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 89Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
ADAU1461
Rev. 0 | Page 85 of 88
Binary Value
Volume Attenuation (dB)
01100000
−36
01100001
−36.375
01100010
−36.75
01100011
−37.125
01100100
−37.5
01100101
−37.875
01100110
−38.25
01100111
−38.625
01101000
−39
01101001
−39.375
01101010
−39.75
01101011
−40.125
01101100
−40.5
01101101
−40.875
01101110
−41.25
01101111
−41.625
01110000
−42
01110001
−42.375
01110010
−42.75
01110011
−43.125
01110100
−43.5
01110101
−43.875
01110110
−44.25
01110111
−44.625
01111000
−45
01111001
−45.375
01111010
−45.75
01111011
−46.125
01111100
−46.5
01111101
−46.875
01111110
−47.25
01111111
−47.625
10000000
−48
10000001
−48.375
10000010
−48.75
10000011
−49.125
10000100
−49.5
10000101
−49.875
10000110
−50.25
10000111
−50.625
10001000
−51
10001001
−51.375
10001010
−51.75
10001011
−52.125
10001100
−52.5
10001101
−52.875
10001110
−53.25
10001111
−53.625
10010000
−54
Binary Value
Volume Attenuation (dB)
10010001
−54.375
10010010
−54.75
10010011
−55.125
10010100
−55.5
10010101
−55.875
10010110
−56.25
10010111
−56.625
10011000
−57
10011001
−57.375
10011010
−57.75
10011011
−58.125
10011100
−58.5
10011101
−58.875
10011110
−59.25
10011111
−59.625
10100000
−60
10100001
−60.375
10100010
−60.75
10100011
−61.125
10100100
−61.5
10100101
−61.875
10100110
−62.25
10100111
−62.625
10101000
−63
10101001
−63.375
10101010
−63.75
10101011
−64.125
10101100
−64.5
10101101
−64.875
10101110
−65.25
10101111
−65.625
10110000
−66
10110001
−66.375
10110010
−66.75
10110011
−67.125
10110100
−67.5
10110101
−67.875
10110110
−68.25
10110111
−68.625
10111000
−69
10111001
−69.375
10111010
−69.75
10111011
−70.125
10111100
−70.5
10111101
−70.875
10111110
−71.25
10111111
−71.625
11000000
−72
11000001
−72.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com