Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
ADAU1461
Rev. 0 | Page 21 of 88
THEORY OF OPERATION
The ADAU1461 is a low power audio codec with an integrated
stream-oriented DSP core, making it an all-in-one package that
offers high quality audio, low power, small size, and many
advanced features. The stereo ADC and stereo DAC each have
an SNR of at least +98 dB and a THD + N of at least −90 dB.
The serial data port is compatible with I2S, left-justified, right-
justified, and TDM modes for interfacing to digital audio data.
The operating voltage is 3.3 V, with an on-board regulator
generating the internal digital supply voltage.
The record signal path includes very flexible input configurations
that can accept differential and single-ended analog microphone
inputs as well as a digital microphone input. A microphone bias
pin provides seamless interfacing to electret microphones. Input
configurations can accept up to six single-ended analog signals
or variations of stereo differential or stereo single-ended signals
with two additional auxiliary single-ended inputs. Each input
signal has its own programmable gain amplifier (PGA) for volume
adjustment and can be routed directly to the playback path output
mixers, bypassing the ADCs. An automatic level control (ALC)
can also be implemented to keep the recording volume constant.
The ADCs and DACs are high quality, 24-bit Σ-Δ converters
that operate at selectable 64× or 128× oversampling ratios. The
base sampling rate of the converters is set by the input clock rate
and can be further scaled with the converter control register
settings. The converters can operate at sampling frequencies
from 8 kHz to 96 kHz. The ADCs and DACs also include very
fine-step digital volume controls.
The playback path allows input signals and DAC outputs to be
mixed into various output configurations. Headphone drivers
are available for a stereo headphone output, and the other output
pins are capable of differentially driving an earpiece speaker.
Capless headphone outputs are possible with the use of the
mono output as a virtual ground connection. The stereo line
outputs can be used as either single-ended or differential
outputs and as an optional mix-down mono output.
The DSP core introduces many features that make this codec
unique and optimized for audio processing. The program and
parameter RAMs can be loaded with custom audio processing
signal flow built using the SigmaStudio graphical programming
software from Analog Devices, Inc. The values stored in the
parameter RAM control individual signal processing blocks,
such as equalization filters, dynamics processors, audio delays,
and mixer levels.
The SigmaStudio software is used to program and control the
SigmaDSP through the control port. Along with designing and
tuning a signal flow, the tools can be used to configure all of the
DSP registers. The SigmaStudio graphical interface allows any-
one with digital or analog audio processing knowledge to easily
design DSP signal flow and port it to a target application. At the
same time, it provides enough flexibility and programmability
for an experienced DSP programmer to have in-depth control
of the design. In SigmaStudio, the user can connect graphical
blocks (such as biquad filters, dynamics processors, mixers, and
delays), compile the design, and load the program and parameter
files into the ADAU1461 memory through the control port.
Signal processing blocks available in the provided libraries
include the following:
•
Enhanced stereo capture
•
Single- and double-precision biquad filters
•
FIR filters
•
Dynamics processors with peak or rms detection for mono
and multichannel dynamics
•
Mixers and splitters
•
Tone and noise generators
•
Fixed and variable gain
•
Loudness
•
Delay
•
Stereo enhancement
•
Dynamic bass boost
•
Noise and tone sources
•
Level detectors
Additional processing blocks are always being developed.
Analog Devices also provides proprietary and third-party
algorithms for applications such as matrix decoding, bass
enhancement, and surround virtualizers. Contact Analog
Devices (www.analog.com) for information about licensing
these algorithms.
The ADAU1461 can generate its internal clocks from a wide
range of input clocks by using the on-board fractional PLL.
The PLL accepts inputs from 8 MHz to 27 MHz.
The ADAU1461 is provided in a small, 32-lead, 5 mm × 5 mm
LFCSP with an exposed bottom pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com