Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 79Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 80Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
ADAU1461
Rev. 0 | Page 76 of 88
R43 to R47: Cyclic Redundancy Check Registers, 16,576 to 16,580 (0x40C0 to 0x40C4)
The cyclic redundancy check (CRC) constantly checks the validity of the program RAM contents. SigmaStudio generates a 32-bit hash
sum, which must be written to four consecutive read-only 8-bit register locations. CRC must then be enabled. Every 1024 frames (21 ms
at 48 kHz), the IC generates its own 32-bit code and compares it to the one stored in these registers. If the codes do not match, a GPIO pin
is set high (CRC flag). This output flag must be enabled using the output CRC error sticky setting in the GPIO pin control register (see
Table 77). The 1-bit CRC error flag is reset when the CRCEN bit goes low. For example, a GPIO pin can be connected to an interrupt pin
on an external microcontroller, which triggers a rewrite of the corrupted memory.
By default, CRC is disabled (the CRCEN bit is set to 0). To enable continuous CRC checking, the user can set the CRCEN bit to 1 after
loading a program and sending the correct CRC, which is calculated by SigmaStudio. If an error occurs, it can be cleared by setting the
CRCEN bit low, fixing the error (presumably by reloading the program), and then setting the CRCEN bit high again.
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x40C0
CRC[31:24]
0x40C1
CRC[23:16]
0x40C2
CRC[15:8]
0x40C3
CRC[7:0]
0x40C4
Reserved
CRCEN
Table 76. Cyclic Redundancy Check Registers
Register
Address
Bit Name
Description
Decimal
Hex
R43
16,576
0x40C0
CRC[31:24]
CRC hash sum, Bits[31:24] (read-only register)
R44
16,577
0x40C1
CRC[23:16]
CRC hash sum, Bits[23:16] (read-only register)
R45
16,578
0x40C2
CRC[15:8]
CRC hash sum, Bits[15:8] (read-only register)
R46
16,579
0x40C3
CRC[7:0]
CRC hash sum, Bits[7:0] (read-only register)
R47
16,580
0x40C4
CRCEN
CRC enable
0 = disabled (default)
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com