Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 81Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 82Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 89Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
ADAU1461
Rev. 0 | Page 84 of 88
Table 92. R20, R21, R37, and R38 Volume Settings
Binary Value
Volume Attenuation (dB)
00000000
0
00000001
−0.375
00000010
−0.75
00000011
−1.125
00000100
−1.5
00000101
−1.875
00000110
−2.25
00000111
−2.625
00001000
−3
00001001
−3.375
00001010
−3.75
00001011
−4.125
00001100
−4.5
00001101
−4.875
00001110
−5.25
00001111
−5.625
00010000
−6
00010001
−6.375
00010010
−6.75
00010011
−7.125
00010100
−7.5
00010101
−7.875
00010110
−8.25
00010111
−8.625
00011000
−9
00011001
−9.375
00011010
−9.75
00011011
−10.125
00011100
−10.5
00011101
−10.875
00011110
−11.25
00011111
−11.625
00100000
−12
00100001
−12.375
00100010
−12.75
00100011
−13.125
00100100
−13.5
00100101
−13.875
00100110
−14.25
00100111
−14.625
00101000
−15
00101001
−15.375
00101010
−15.75
00101011
−16.125
00101100
−16.5
00101101
−16.875
00101110
−17.25
00101111
−17.625
Binary Value
Volume Attenuation (dB)
00110000
−18
00110001
−18.375
00110010
−18.75
00110011
−19.125
00110100
−19.5
00110101
−19.875
00110110
−20.25
00110111
−20.625
00111000
−21
00111001
−21.375
00111010
−21.75
00111011
−22.125
00111100
−22.5
00111101
−22.875
00111110
−23.25
00111111
−23.625
01000000
−24
01000001
−24.375
01000010
−24.75
01000011
−25.125
01000100
−25.5
01000101
−25.875
01000110
−26.25
01000111
−26.625
01001000
−27
01001001
−27.375
01001010
−27.75
01001011
−28.125
01001100
−28.5
01001101
−28.875
01001110
−29.25
01001111
−29.625
01010000
−30
01010001
−30.375
01010010
−30.75
01010011
−31.125
01010100
−31.5
01010101
−31.875
01010110
−32.25
01010111
−32.625
01011000
−33
01011001
−33.375
01011010
−33.75
01011011
−34.125
01011100
−34.5
01011101
−34.875
01011110
−35.25
01011111
−35.625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com