Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
ADAU1461
Rev. 0 | Page 17 of
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
88
FREQUENCY (NORMALIZED TO
fS)
0.1
0
0.20.30.4
0.50.6
0.70.80.91.0
Figure 20. DAC Interpolation Filter, 128× Oversampling, Normalized to fS
−100
−90
FREQUENCY (NORMALIZED TO
f )
−80
−70
−60
−50
−40
−30
−20
−10
0
S
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTRUCTIONS
Figure 21. DAC Interpolation Filter, 128× Oversampling, Double-Rate Mode,
Normalized to fS
0
1
0
100 200 300 400 500 600 700 800 900 1000 1100
2
3
4
5
6
7
8
9
10
11
12
Figure 22. Typical DSP Current Draw
0
0.05 0.10
0.20
0.30
0.40
0.15
0.25
0.35
0.50
0.45
FREQUENCY (NORMALIZED TO
fS)
Figure 23. DAC Interpolation Filter Pass-Band Ripple, 128× Oversampling,
Normalized to fS
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
0.05
0.10
0.20
0.30
0.40
0.15
0.25
0.35
FREQUENCY (NORMALIZED TO
fS)
Figure 24. DAC Interpolation Filter Pass-Band Ripple, 128× Oversampling,
Double-Rate Mode, Normalized to fS
0
10
20
30
40
50
60
70
80
90
GAIN (dB)
Figure 25. Input Impedance vs. Gain for Analog Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com