Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
ADAU1461
Rev. 0 | Page 36 of 88
CONTROL PORTS
The ADAU1461 can operate in one of two control modes:
•
I2C control
•
SPI control
The ADAU1461 has both a 4-wire SPI control port and a
2-wire I2C bus control port. Both ports can be used to set the
registers. The part defaults to I2C mode, but it can be put into
SPI control mode by pulling the CLATCH pin low three times.
The control port is capable of full read/write operation for all
addressable registers. The ADAU1461 must have a valid master
clock in order to write to all registers except for Register R0
(Address 0x4000) and Register R1 (Address 0x4002).
All addresses can be accessed in both a single-address mode
or a burst mode. The first byte (Byte 0) of a control port write
contains the 7-bit chip address plus the R/W bit. The next two
bytes (Byte 1 and Byte 2) together form the subaddress of the
register location within the ADAU1461. This subaddress must
be two bytes long because the memory locations within the
ADAU1461 are directly addressable and their sizes exceed the
range of single-byte addressing. All subsequent bytes (starting
with Byte 3) contain the data, such as control port data, program
data, or parameter data. The number of bytes per word depends
on the type of data that is being written.
The ADAU1461 has several mechanisms for updating signal pro-
cessing parameters in real time without causing pops or clicks. If
large blocks of data need to be downloaded, the output of the DSP
core can be halted (using the DSPRUN bit in the DSP run register,
Address 0x40F6), new data can be loaded, and the device can be
restarted. This is typically done during the booting sequence at
start-up or when loading a new program into RAM.
The control port pins are multifunctional, depending on the
mode in which the part is operating. Table 19 describes these
multiple functions.
Table 19. Control Port Pin Functions
Pin Name
I2C Mode
SPI Mode
SCL/CCLK
SCL: input clock
CCLK: input clock
SDA/COUT
SDA: open-collector
input/output
COUT: output
ADDR1/CDATA
I2C Address Bit 1: input
CDATA: input
ADDR0/CLATCH
I2C Address Bit 0: input
CLATCH: input
BURST MODE WRITING AND READING
Burst mode addressing, where the subaddresses are automatically
incremented at word boundaries, can be used for writing large
amounts of data to contiguous registers. This increment happens
automatically after a single-word write or read unless a stop condi-
tion is encountered (I2C) or CLATCH is brought high (SPI). A
burst write starts like a single-word write, but following the first
data-word, the data-word for the next immediate address can be
written immediately without sending its two-byte address.
The registers in the ADAU1461 are one byte wide with the
exception of the PLL control register, which is six bytes wide.
The autoincrement feature knows the word length at each
subaddress, so the subaddress does not need to be specified
manually for each address in a burst write.
The subaddresses are autoincremented by 1 following each read
or write of a data-word, regardless of whether there is a valid regis-
ter or RAM word at that address. Address holes in the register
map can be written to or read from without consequence. In the
ADAU1461, these address holes exist at Address 0x4001, Address
0x4003 to Address 0x4007, Address 0x402E, Address 0x4032 to
Address 0x4035, Address 0x4037 to Address 0x40BF, Address
0x40C5, Address 0x40CA to Address 0x40CF, Address 0x40D5
to Address 0x40EA, and Address 0x40EC to Address 0x40F1. A
single-byte write to these registers is ignored by the ADAU1461,
and a read returns a single byte 0x00.
I2C PORT
The ADAU1461 supports a 2-wire serial (I2C-compatible)
microprocessor bus driving multiple peripherals. Two pins,
serial data (SDA) and serial clock (SCL), carry information
between the ADAU1461 and the system I2C master controller.
In I2C mode, the ADAU1461 is always a slave on the bus,
meaning that it cannot initiate a data transfer. Each slave device
is recognized by a unique address. The address and R/W byte
format is shown in
. The address resides in the first
seven bits of the I2C write. Bits[5:6] of the I2C address for the
ADAU1461 are set by the levels on the ADDR1 and ADDR0
pins. The LSB of the address—the R/
Table 20
W bit—specifies either a
read or write operation. Logic Level 1 corresponds to a read
operation, and Logic Level 0 corresponds to a write operation.
Table 20. ADAU1461 I2C Address and Read/Write Byte Format
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
0
1
1
1
0
ADDR1
ADDR0
R/W
The SDA and SCL pins should each have a 2 kΩ pull-up resistor
on the line connected to it. The voltage on these signal lines
should not be higher than IOVDD (3.3 V).
Addressing
Initially, each device on the I2C bus is in an idle state and
monitors the SDA and SCL lines for a start condition and
the proper address. The I2C master initiates a data transfer by
establishing a start condition, defined by a high-to-low transition
on SDA while SCL remains high. This indicates that an address/
data stream follows. All devices on the bus respond to the start
condition and shift the next eight bits (the 7-bit address plus the
R/W bit) MSB first. The device that recognizes the transmitted
address responds by pulling the data line low during the ninth
clock pulse. This ninth bit is known as an acknowledge bit. All
other devices withdraw from the bus at this point and return to
the idle condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com