Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
ADAU1461
Rev. 0 | Page 62 of 88
R17: Converter Control 0, 16,407 (0x4017)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
DAPAIR[1:0]
DAOSR
ADOSR
CONVSR[2:0]
Table 49. Converter Control 0 Register
Bits
Bit Name
Description
[6:5]
DAPAIR[1:0]
On-chip DAC serial data selection in TDM 4 or TDM 8 mode.
Setting
Pair
00
First pair (default)
01
Second pair
10
Third pair
11
Fourth pair
4
DAOSR
DAC oversampling ratio. This bit cannot be set for 64× when CONVSR[2:0] is set to 96 kHz.
0 = 128× (default).
1 = 64×.
3
ADOSR
ADC oversampling ratio. This bit cannot be set for 64× when CONVSR[2:0] is set to 96 kHz.
0 = 128× (default).
1 = 64×.
[2:0]
CONVSR[2:0]
Converter sampling rate. The ADCs and DACs operate at the sampling rate set in this register. The converter rate
selected is a ratio of the base sampling rate, fS. The base sampling rate is determined by the operating frequency
of the core clock.
Setting
Sampling Rate
Base Sampling Rate (fS = 48 kHz)
000
fS
48 kHz, base (default)
001
fS/6
8 kHz
010
fS/4
12 kHz
011
fS/3
16 kHz
100
fS/2
24 kHz
101
fS/1.5
32 kHz
110
fS/0.5
96 kHz
111
Reserved
R18: Converter Control 1, 16,408 (0x4018)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
ADPAIR[1:0]
Table 50. Converter Control 1 Register
Bits
Bit Name
Description
[1:0]
ADPAIR[1:0]
On-chip ADC serial data selection in TDM 4 or TDM 8 mode.
Setting
Pair
00
First pair (default)
01
Second pair
10
Third pair
11
Fourth pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com