Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1461WBCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADAU1461WBCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1461WBCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADAU1461WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1461WBCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
ADAU1461
Rev. 0 | Page 49 of 88
CONTROL REGISTERS
Table 32. Register Map
Reg
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R0
0x4000
Clock control
Reserved
CLKSRC
INFREQ[1:0]
COREN
00000000
R1
0x4002
PLL control
M[15:8]
00000000
M[7:0]
11111101
N[15:8]
00000000
N[7:0]
00001100
Reserved
R[3:0]
X[1:0]
Type
00010000
Reserved
Lock
PLLEN
00000000
R2
0x4008
Dig mic/jack detect
JDDB[1:0]
JDFUNC[1:0]
Reserved
JDPOL
00000000
R3
0x4009
Reserved
Reserved
00000000
R4
0x400A
Rec Mixer Left 0
Reserved
LINPG[2:0]
LINNG[2:0]
MX1EN
00000000
R5
0x400B
Rec Mixer Left 1
Reserved
LDBOOST[1:0]
MX1AUXG[2:0]
00000000
R6
0x400C
Rec Mixer Right 0
Reserved
RINPG[2:0]
RINNG[2:0]
MX2EN
00000000
R7
0x400D
Rec Mixer Right 1
Reserved
RDBOOST[1:0]
MX2AUXG[2:0]
00000000
R8
0x400E
Left diff input vol
LDVOL[5:0]
LDMUTE
LDEN
00000000
R9
0x400F
Right diff input vol
RDVOL[5:0]
RDMUTE
RDEN
00000000
R10
0x4010
Record mic bias
Reserved
MPERF
MBI
Reserved
MBIEN
00000000
R11
0x4011
ALC 0
PGASLEW[1:0]
ALCMAX[2:0]
ALCSEL[2:0]
00000000
R12
0x4012
ALC 1
ALCHOLD[3:0]
ALCTARG[3:0]
00000000
R13
0x4013
ALC 2
ALCATCK[3:0]
ALCDEC[3:0]
00000000
R14
0x4014
ALC 3
NGTYP[1:0]
NGEN
NGTHR[4:0]
00000000
R15
0x4015
Serial Port 0
Reserved
SPSRS
LRMOD
BPOL
LRPOL
CHPF[1:0]
MS
00000000
R16
0x4016
Serial Port 1
BPF[2:0]
ADTDM
DATDM
MSBP
LRDEL[1:0]
00000000
R17
0x4017
Converter 0
Reserved
DAPAIR[1:0]
DAOSR
ADOSR
CONVSR[2:0]
00000000
R18
0x4018
Converter 1
Reserved
ADPAIR[1:0]
00000000
R19
0x4019
ADC control
Reserved
ADCPOL
HPF
DMPOL
DMSW
INSEL
ADCEN[1:0]
00010000
R20
0x401A
Left digital vol
LADVOL[7:0]
00000000
R21
0x401B
Right digital vol
RADVOL[7:0]
00000000
R22
0x401C
Play Mixer Left 0
Reserved
MX3RM
MX3LM
MX3AUXG[3:0]
MX3EN
00000000
R23
0x401D
Play Mixer Left 1
MX3G2[3:0]
MX3G1[3:0]
00000000
R24
0x401E
Play Mixer Right 0
Reserved
MX4RM
MX4LM
MX4AUXG[3:0]
MX4EN
00000000
R25
0x401F
Play Mixer Right 1
MX4G2[3:0]
MX4G1[3:0]
00000000
R26
0x4020
Play L/R mixer left
Reserved
MX5G4[1:0]
MX5G3[1:0]
MX5EN
00000000
R27
0x4021
Play L/R mixer right
Reserved
MX6G4[1:0]
MX6G3[1:0]
MX6EN
00000000
R28
0x4022
Play L/R mixer mono
Reserved
MX7[1:0]
MX7EN
00000000
R29
0x4023
Play HP left vol
LHPVOL[5:0]
LHPM
HPEN
00000010
R30
0x4024
Play HP right vol
RHPVOL[5:0]
RHPM
HPMODE
00000010
R31
0x4025
Line output left vol
LOUTVOL[5:0]
LOUTM
LOMODE
00000010
R32
0x4026
Line output right vol
ROUTVOL[5:0]
ROUTM
ROMODE
00000010
R33
0x4027
Play mono output
MONOVOL[5:0]
MONOM
MOMODE
00000010
R34
0x4028
Pop/click suppress
Reserved
POPMODE
POPLESS
ASLEW[1:0]
Reserved
00000000
R35
0x4029
Play power mgmt
Reserved
PREN
PLEN
00000000
R36
0x402A
DAC Control 0
DACMONO[1:0]
DACPOL
Reserved
DEMPH
DACEN[1:0]
00000000
R37
0x402B
DAC Control 1
LDAVOL[7:0]
00000000
R38
0x402C
DAC Control 2
RDAVOL[7:0]
00000000
R39
0x402D
Serial port pad
ADCSDP[1:0]
DACSDP[1:0]
LRCLKP[1:0]
BCLKP[1:0]
10101010
R40
0x402F
Control Port Pad 0
CDATP[1:0]
CLCHP[1:0]
SCLP[1:0]
SDAP[1:0]
10101010
R41
0x4030
Control Port Pad 1
Reserved
SDASTR
00000000
R42
0x4031
Jack detect pin
Reserved
JDSTR
Reserved
JDP[1:0]
Reserved
00001000
R67
0x4036
Dejitter control
DEJIT[7:0]
00000011
R43
0x40C0
Cyclic redundancy
check
CRC[31:24]
00000000
R44
0x40C1
CRC[23:16]
00000000
R45
0x40C2
CRC[15:8]
00000000
R46
0x40C3
CRC[7:0]
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com