Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 35 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 35 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 31Page - Texas Instruments LED171596ARSLR Datasheet HTML 32Page - Texas Instruments LED171596ARSLR Datasheet HTML 33Page - Texas Instruments LED171596ARSLR Datasheet HTML 34Page - Texas Instruments LED171596ARSLR Datasheet HTML 35Page - Texas Instruments LED171596ARSLR Datasheet HTML 36Page - Texas Instruments LED171596ARSLR Datasheet HTML 37Page - Texas Instruments LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
35
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 31. INT_MASK Register
15
14
13
12
11
10
9
8
RESERVED
R/W-0h
7
6
5
4
3
2
1
0
RESERVED
mask_led_open mask_led_short
RESERVED
mask_tsd
mask_slope_m
atrix_done
mask_slope_m
aster_done
mask_latch_do
ne
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-0h
R/W-1h
R/W-1h
R/W-1h
Table 13. INT_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
15-7
RESERVED
R/W
0h
6
mask_led_open
R/W
0h
LED open fault interrupt mask
5
mask_led_short
R/W
0h
LED short fault interrupt mask
4
RESERVED
R/W
1h
3
mask_tsd
R/W
0h
Thermal shutdown interrupt mask
2
mask_slope_matrix_done
R/W
1h
Matrix sloper interrupt mask
1
mask_slope_master_done R/W
1h
Master sloper interrupt mask
0
mask_latch_done
R/W
1h
SRAM latching interrupt mask
7.6.1.7 INT_CLEAR Register (Address = 6h) [reset = 0h]
INT_CLEAR is shown in Figure 32 and described in Table 14.
Return to Summary Table.
Interrupt clear bits. Writing 1 generates a clear pulse. Read returns always 0.
Figure 32. INT_CLEAR Register
15
14
13
12
11
10
9
8
RESERVED
clear_int_pin
R/W-0h
R-0/WSelfClr-
0h
7
6
5
4
3
2
1
0
RESERVED
clear_led_open
clear_led_short
RESERVED
clear_tsd
clear_slope_ma
trix_done
clear_slope_ma
ster_done
clear_latch_don
e
R/W-0h
R-0/WSelfClr-
0h
R-0/WSelfClr-
0h
R/W-0h
R-0/WSelfClr-
0h
R-0/WSelfClr-
0h
R-0/WSelfClr-
0h
R-0/WSelfClr-
0h
Table 14. INT_CLEAR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R/W
0h
8
clear_int_pin
R-
0/WSelfClr
0h
INT pin clear
7
RESERVED
R/W
0h
6
clear_led_open
R-
0/WSelfClr
0h
LED open fault interrupt status clear
5
clear_led_short
R-
0/WSelfClr
0h
LED short fault interrupt status clear
4
RESERVED
R/W-0h
0h
3
clear_tsd
R-
0/WSelfClr
0h
Thermal shutdown interrupt status clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com