Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 40 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 40 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 36Page - Texas Instruments LED171596ARSLR Datasheet HTML 37Page - Texas Instruments LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments LED171596ARSLR Datasheet HTML 41Page - Texas Instruments LED171596ARSLR Datasheet HTML 42Page - Texas Instruments LED171596ARSLR Datasheet HTML 43Page - Texas Instruments LED171596ARSLR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 153 page
background image
40
LED171596A
SNVSAY2 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
led79_72_open
R-0h
Table 24. LED79_72_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led79_72_open
R
0h
Open fault status for LEDs 72-79 (Fourth matrix phase)
7.6.1.18 LED87_80_OPEN Register (Address = 11h) [reset = 0h]
LED87_80_OPEN is shown in Figure 43 and described in Table 25.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 43. LED87_80_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led87_80_open
R-0h
Table 25. LED87_80_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led87_80_open
R
0h
Open fault status for LEDs 80-87 (Fourth matrix phase)
7.6.1.19 LED95_88_OPEN Register (Address = 12h) [reset = 0h]
LED95_88_OPEN is shown in Figure 44 and described in Table 26.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 44. LED95_88_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led95_88_open
R-0h
Table 26. LED95_88_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led95_88_open
R
0h
Open fault status for LEDs 88-95 (Fourth matrix phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com