Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 83 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 83 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 79Page - Texas Instruments LED171596ARSLR Datasheet HTML 80Page - Texas Instruments LED171596ARSLR Datasheet HTML 81Page - Texas Instruments LED171596ARSLR Datasheet HTML 82Page - Texas Instruments LED171596ARSLR Datasheet HTML 83Page - Texas Instruments LED171596ARSLR Datasheet HTML 84Page - Texas Instruments LED171596ARSLR Datasheet HTML 85Page - Texas Instruments LED171596ARSLR Datasheet HTML 86Page - Texas Instruments LED171596ARSLR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 153 page
background image
83
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 140. LED04_BRI Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R/W
0h
8-0
led04_bri
R/W
1FFh
PWM Brightness of LED04
7.6.1.134 LED05_BRI Register (Address = 165h) [reset = 1FFh]
LED05_BRI is shown in Figure 159 and described in Table 141.
Return to Summary Table.
Figure 159. LED05_BRI Register
15
14
13
12
11
10
9
8
RESERVED
led05_bri
R/W-0h
R/W-1FFh
7
6
5
4
3
2
1
0
led05_bri
R/W-1FFh
Table 141. LED05_BRI Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R/W
0h
8-0
led05_bri
R/W
1FFh
PWM Brightness of LED05
7.6.1.135 LED06_BRI Register (Address = 166h) [reset = 1FFh]
LED06_BRI is shown in Figure 160 and described in Table 142.
Return to Summary Table.
Figure 160. LED06_BRI Register
15
14
13
12
11
10
9
8
RESERVED
led06_bri
R/W-0h
R/W-1FFh
7
6
5
4
3
2
1
0
led06_bri
R/W-1FFh
Table 142. LED06_BRI Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R/W
0h
8-0
led06_bri
R/W
1FFh
PWM Brightness of LED06
7.6.1.136 LED07_BRI Register (Address = 167h) [reset = 1FFh]
LED07_BRI is shown in Figure 161 and described in Table 143.
Return to Summary Table.
Figure 161. LED07_BRI Register
15
14
13
12
11
10
9
8
RESERVED
led07_bri
R/W-0h
R/W-1FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com