Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 43 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 43 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments LED171596ARSLR Datasheet HTML 41Page - Texas Instruments LED171596ARSLR Datasheet HTML 42Page - Texas Instruments LED171596ARSLR Datasheet HTML 43Page - Texas Instruments LED171596ARSLR Datasheet HTML 44Page - Texas Instruments LED171596ARSLR Datasheet HTML 45Page - Texas Instruments LED171596ARSLR Datasheet HTML 46Page - Texas Instruments LED171596ARSLR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 153 page
background image
43
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.1.25 LED47_40_SHORT Register (Address = 18h) [reset = 0h]
LED47_40_SHORT is shown in Figure 50 and described in Table 32.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 50. LED47_40_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led47_40_short
R-0h
Table 32. LED47_40_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led47_40_short
R
0h
Short fault status for LEDs 40-47 (Second matrix phase)
7.6.1.26 LED55_48_SHORT Register (Address = 19h) [reset = 0h]
LED55_48_SHORT is shown in Figure 51 and described in Table 33.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 51. LED55_48_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led55_48_short
R-0h
Table 33. LED55_48_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led55_48_short
R
0h
Short fault status for LEDs 48-55 (Third matrix phase)
7.6.1.27 LED63_56_SHORT Register (Address = 1Ah) [reset = 0h]
LED63_56_SHORT is shown in Figure 52 and described in Table 34.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 52. LED63_56_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com