Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 45 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 45 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 41Page - Texas Instruments LED171596ARSLR Datasheet HTML 42Page - Texas Instruments LED171596ARSLR Datasheet HTML 43Page - Texas Instruments LED171596ARSLR Datasheet HTML 44Page - Texas Instruments LED171596ARSLR Datasheet HTML 45Page - Texas Instruments LED171596ARSLR Datasheet HTML 46Page - Texas Instruments LED171596ARSLR Datasheet HTML 47Page - Texas Instruments LED171596ARSLR Datasheet HTML 48Page - Texas Instruments LED171596ARSLR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 153 page
background image
45
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.1.30 LED87_80_SHORT Register (Address = 1Dh) [reset = 0h]
LED87_80_SHORT is shown in Figure 55 and described in Table 37.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 55. LED87_80_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led87_80_short
R-0h
Table 37. LED87_80_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led87_80_short
R
0h
Short fault status for LEDs 80-87 (Fourth matrix phase)
7.6.1.31 LED95_88_SHORT Register (Address = 1Eh) [reset = 0h]
LED95_88_SHORT is shown in Figure 56 and described in Table 38.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 56. LED95_88_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led95_88_short
R-0h
Table 38. LED95_88_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led95_88_short
R
0h
Short fault status for LEDs 88-95 (Fourth matrix phase)
7.6.1.32 LED_DRIVER_CONTROL Register (Address = 21h) [reset = 34h]
LED_DRIVER_CONTROL is shown in Figure 57 and described in Table 39.
Return to Summary Table.
Figure 57. LED_DRIVER_CONTROL Register
15
14
13
12
11
10
9
8
RESERVED
R/W-0h
7
6
5
4
3
2
1
0
RESERVED
hs_en_ghost_c
ancel
drv_en_ghost_level
drv_en_ghost_c
ancel
drv_headroom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com