Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 41 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 41 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 37Page - Texas Instruments LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments LED171596ARSLR Datasheet HTML 41Page - Texas Instruments LED171596ARSLR Datasheet HTML 42Page - Texas Instruments LED171596ARSLR Datasheet HTML 43Page - Texas Instruments LED171596ARSLR Datasheet HTML 44Page - Texas Instruments LED171596ARSLR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 153 page
background image
41
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.1.20 LED07_00_SHORT Register (Address = 13h) [reset = 0h]
LED07_00_SHORT is shown in Figure 45 and described in Table 27.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 45. LED07_00_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led07_00_short
R-0h
Table 27. LED07_00_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led07_00_short
R
0h
Short fault status for LEDs 0-7 (First matrix phase)
7.6.1.21 LED15_08_SHORT Register (Address = 14h) [reset = 0h]
LED15_08_SHORT is shown in Figure 46 and described in Table 28.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 46. LED15_08_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led15_08_short
R-0h
Table 28. LED15_08_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led15_08_short
R
0h
Short fault status for LEDs 8-15 (First matrix phase)
7.6.1.22 LED23_16_SHORT Register (Address = 15h) [reset = 0h]
LED23_16_SHORT is shown in Figure 47 and described in Table 29.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 47. LED23_16_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com