Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 38 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 38 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 34Page - Texas Instruments LED171596ARSLR Datasheet HTML 35Page - Texas Instruments LED171596ARSLR Datasheet HTML 36Page - Texas Instruments LED171596ARSLR Datasheet HTML 37Page - Texas Instruments LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments LED171596ARSLR Datasheet HTML 41Page - Texas Instruments LED171596ARSLR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 153 page
background image
38
LED171596A
SNVSAY2 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
led39_32_open
R-0h
Table 19. LED39_32_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led39_32_open
R
0h
Open fault status for LEDs 32-39 (Second matrix phase)
7.6.1.13 LED47_40_OPEN Register (Address = Ch) [reset = 0h]
LED47_40_OPEN is shown in Figure 38 and described in Table 20.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 38. LED47_40_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led47_40_open
R-0h
Table 20. LED47_40_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led47_40_open
R
0h
Open fault status for LEDs 40-47 (Second matrix phase)
7.6.1.14 LED55_48_OPEN Register (Address = Dh) [reset = 0h]
LED55_48_OPEN is shown in Figure 39 and described in Table 21.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 39. LED55_48_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led55_48_open
R-0h
Table 21. LED55_48_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led55_48_open
R
0h
Open fault status for LEDs 48-55 (Third matrix phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com