Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 42 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 42 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments LED171596ARSLR Datasheet HTML 41Page - Texas Instruments LED171596ARSLR Datasheet HTML 42Page - Texas Instruments LED171596ARSLR Datasheet HTML 43Page - Texas Instruments LED171596ARSLR Datasheet HTML 44Page - Texas Instruments LED171596ARSLR Datasheet HTML 45Page - Texas Instruments LED171596ARSLR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 153 page
background image
42
LED171596A
SNVSAY2 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
led23_16_short
R-0h
Table 29. LED23_16_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led23_16_short
R
0h
Short fault status for LEDs 16-23 (First matrix phase)
7.6.1.23 LED31_24_SHORT Register (Address = 16h) [reset = 0h]
LED31_24_SHORT is shown in Figure 48 and described in Table 30.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 48. LED31_24_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led31_24_short
R-0h
Table 30. LED31_24_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led31_24_short
R
0h
Short fault status for LEDs 24-31 (Second matrix phase)
7.6.1.24 LED39_32_SHORT Register (Address = 17h) [reset = 0h]
LED39_32_SHORT is shown in Figure 49 and described in Table 31.
Return to Summary Table.
LED short fault status bits are set by starting LED short fault and cleared by clear_led_short bit in INT_CLEAR
register. Status bits show if LED short fault has occurred since the last clearing.
Figure 49. LED39_32_SHORT Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led39_32_short
R-0h
Table 31. LED39_32_SHORT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led39_32_short
R
0h
Short fault status for LEDs 32-39 (Second matrix phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com