Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 37 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 37 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 33Page - Texas Instruments LED171596ARSLR Datasheet HTML 34Page - Texas Instruments LED171596ARSLR Datasheet HTML 35Page - Texas Instruments LED171596ARSLR Datasheet HTML 36Page - Texas Instruments LED171596ARSLR Datasheet HTML 37Page - Texas Instruments LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments LED171596ARSLR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 153 page
background image
37
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.1.10 LED23_16_OPEN Register (Address = 9h) [reset = 0h]
LED23_16_OPEN is shown in Figure 35 and described in Table 17.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 35. LED23_16_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led23_16_open
R-0h
Table 17. LED23_16_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led23_16_open
R
0h
Open fault status for LEDs 16-23 (First matrix phase)
7.6.1.11 LED31_24_OPEN Register (Address = Ah) [reset = 0h]
LED31_24_OPEN is shown in Figure 36 and described in Table 18.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 36. LED31_24_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led31_24_open
R-0h
Table 18. LED31_24_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led31_24_open
R
0h
Open fault status for LEDs 24-31 (Second matrix phase)
7.6.1.12 LED39_32_OPEN Register (Address = Bh) [reset = 0h]
LED39_32_OPEN is shown in Figure 37 and described in Table 19.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 37. LED39_32_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com