Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 36 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 36 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 32Page - Texas Instruments LED171596ARSLR Datasheet HTML 33Page - Texas Instruments LED171596ARSLR Datasheet HTML 34Page - Texas Instruments LED171596ARSLR Datasheet HTML 35Page - Texas Instruments LED171596ARSLR Datasheet HTML 36Page - Texas Instruments LED171596ARSLR Datasheet HTML 37Page - Texas Instruments LED171596ARSLR Datasheet HTML 38Page - Texas Instruments LED171596ARSLR Datasheet HTML 39Page - Texas Instruments LED171596ARSLR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
36
LED171596A
SNVSAY2 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 14. INT_CLEAR Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
clear_slope_matrix_done
R-
0/WSelfClr
0h
Matrix sloper interrupt status clear
1
clear_slope_master_done
R-
0/WSelfClr
0h
Master sloper interrupt status clear
0
clear_latch_done
R-
0/WSelfClr
0h
SRAM latching interrupt status clear
7.6.1.8 LED07_00_OPEN Register (Address = 7h) [reset = 0h]
LED07_00_OPEN is shown in Figure 33 and described in Table 15.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 33. LED07_00_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led07_00_open
R-0h
Table 15. LED07_00_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led07_00_open
R
0h
Open fault status for LEDs 0-7 (First matrix phase)
7.6.1.9 LED15_08_OPEN Register (Address = 8h) [reset = 0h]
LED15_08_OPEN is shown in Figure 34 and described in Table 16.
Return to Summary Table.
LED open fault status bits are set by starting LED open fault and cleared by clear_led_open bit in INT_CLEAR
register. Status bits show if LED open fault has occurred since the last clearing.
Figure 34. LED15_08_OPEN Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
led15_08_open
R-0h
Table 16. LED15_08_OPEN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
led15_08_open
R
0h
Open fault status for LEDs 8-15 (First matrix phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com