Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 46 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 46 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 42Page - Texas Instruments LED171596ARSLR Datasheet HTML 43Page - Texas Instruments LED171596ARSLR Datasheet HTML 44Page - Texas Instruments LED171596ARSLR Datasheet HTML 45Page - Texas Instruments LED171596ARSLR Datasheet HTML 46Page - Texas Instruments LED171596ARSLR Datasheet HTML 47Page - Texas Instruments LED171596ARSLR Datasheet HTML 48Page - Texas Instruments LED171596ARSLR Datasheet HTML 49Page - Texas Instruments LED171596ARSLR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
46
LED171596A
SNVSAY2 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
R/W-0h
R/W-1h
R/W-2h
R/W-1h
R/W-0h
Table 39. LED_DRIVER_CONTROL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-6
RESERVED
R/W
0h
5
hs_en_ghost_cancel
R/W
1h
Enable for high side switch ghost cancellation
0 - disabled
1 - enabled
4-3
drv_en_ghost_level
R/W
2h
Ghost cancellation strength select
00 - disabled
01 - weakest
10 - medium
11 - strongest
2
drv_en_ghost_cancel
R/W
1h
Enable for LED driver ghost cancellation
0 - disabled
1 - enabled
1-0
drv_headroom
R/W
0h
LED driver headroom select
00 - 250mV
01 - 0.9 * Vsat + 250mV
10 - 0.9 * Vsat + 500mV
11 - 0.9 * Vsat + 750mV
7.6.1.33 LED00_CUR Register (Address = 100h) [reset = CCh]
LED00_CUR is shown in Figure 58 and described in Table 40.
Return to Summary Table.
Figure 58. LED00_CUR Register
15
14
13
12
11
10
9
8
RESERVED
R/W-0h
7
6
5
4
3
2
1
0
led00_cur
R/W-CCh
Table 40. LED00_CUR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R/W
0h
7-0
led00_cur
R/W
CCh
LED00 driver linear current value
7.6.1.34 LED01_CUR Register (Address = 101h) [reset = CCh]
LED01_CUR is shown in Figure 59 and described in Table 41.
Return to Summary Table.
Figure 59. LED01_CUR Register
15
14
13
12
11
10
9
8
RESERVED
R/W-0h
7
6
5
4
3
2
1
0
led01_cur
R/W-CCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com