Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet (PDF) - STMicroelectronics

L8202 Datasheet PDF - STMicroelectronics
Part # L8202
Download  L8202 Download
File Size   237.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION ANALOG ASIC

L8202 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8202 Datasheet PDF - STMicroelectronics

Part # L8202
Download  L8202 Click to download

File Size   237.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION ANALOG ASIC

L8202 Datasheet (HTML) - STMicroelectronics


L8202 Product details

Description
L8202 is a multifunction analog ASIC designed for MFP Inkjet printer applications. L8202 integrates 4 full H Bridge drivers, 2 switching Buck type voltage regulators, 4 operational amplifiers, 6 open drain drivers, Reset Generation circuitry and over temperature protection circuitry. The regulated Voltages are: VCC that can be either 3.3V or +5V and VDD, programmable by a resistor divider network from +3V to +17V It is possible to increase the Output Current capability of the VDD regulator by adding an external discrete Power DMOS. An internal regulator is present in the IC in order to supply several internal blocks. The 5V output voltage is filtered on pin V5 (Typical filter capacitor = 100nF) . MULTIFUNCTION ANALOG ASIC

Features
■ ■Flexible Motor Driver configuration
■ 4 DC Motor drivers (1.5A Peak Current) or
■ 2 DC Motor drivers & 1 Dual Full Bridge Stepper Motor driver ■2 Switching Voltage regulators ■6 Open Drain Drivers ■Serial Input Port ■4 Operational amplifiers ■Low voltage Supervisor ■Thermal Protection 2




Similar Part No. - L8202

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8200 UTC-L8200 Datasheet
194Kb / 6P
CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200 UTC-L8200 Datasheet
149Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-N20-R UTC-L8200G-N20-R Datasheet
194Kb / 6P
CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
206Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
149Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results


Similar Description - L8202

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
ATMEL Corporation
ATA2516 ATMEL-ATA2516 Datasheet
152Kb / 10P
IR Receiver ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
0.15mm Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com