Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 4 Page - STMicroelectronics

  L8202 Datasheet HTML 1Page - STMicroelectronics L8202 Datasheet HTML 2Page - STMicroelectronics L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
L8202
4/15
Table 3. Absolute Maximum Ratings
Table 4. Recommended Operating Conditions (Tj = 25°C, VS= 32V, unless otherwise specified)
Figure 3. Pin Connections
Symbol
Parameter
Value
Unit
Vs
Supply voltage, including ripple
44
V
VOD
Differential Voltage between Power pins, Supply pins and Ground
44
V
Vcc_IN, Vcc_FB
VCC
7V
VDD Max
VDD Voltage (@IVDD = 0.0A)
17
V
IVDD
VDD Output current
3
A
VCCOpAmp
Op Amp Supply Voltage
7
V
VDIFF OpAmp
Op Amp Differential Voltage
7
V
Vmaxrst*
Maximum voltage on nRESET
Vcc_in
V
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage, including ripple
24
30
38
V
IVs
Vs Standby Current
In the stand by
mode(sleep=1)
315
mA
Vcc_IN,
Vcc_FB
Vcc voltage
Vcc = 3.3V
Vcc = 5.0V
3.15
4.8
3.3
5.0
3.45
5.25
V
Ivcc_in
Vcc input current
nReset = 0, Ivcc_switch = 0
Vcc = 3.3V
Vcc = 5.0V
25
mA
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
VDD_GATE
TEXT
R_SENSE_A
PH_A+
PH_A-
Vs (VDD)
VDD_DRAIN2
VDD_DRAIN1
VDD_SOURCE1
VDD_SOURCE2
SDI
SCLK
nCS
ODD2
ODD3
ODD1
DC2B
GND (DC2)
DC2A
nRESET
GND (LOGIC)
D04IN1529
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
ODD4
ODD5
GND (DC1)
DC1B
DC1A
12
13
14
15
16
PH_B
R_SENSE
PHB-
VDD_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com