Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics L8202 Datasheet HTML 11Page - STMicroelectronics L8202 Datasheet HTML 12Page - STMicroelectronics L8202 Datasheet HTML 13Page - STMicroelectronics L8202 Datasheet HTML 14Page - STMicroelectronics L8202 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
L8202
Figure 8. TQFP64 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.0472
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.0374 0.0393 0.0413
b
0.17
0.22
0.27
0.0066 0.0086 0.0086
c
0.09
0.20
0.0035
0.0078
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D2
2.00
0.787
D3
7.50
0.295
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E2
2.00
0.787
E3
7.50
0.295
e
0.50
0.0197
L
0.45
0.60
0.75
0.0177 0.0236 0.0295
L1
1.00
0.0393
k
0˚3.5˚7˚
0˚3.5˚7˚
ccc
0.080
0.0031
TQFP64 (10x10x1.0mm)
Exposed Pad Down
7278840 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com