Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics L8202 Datasheet HTML 11Page - STMicroelectronics L8202 Datasheet HTML 12Page - STMicroelectronics L8202 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
L8202
6
STEPPER MOTOR DRIVER OPERATIONS
Two H Bridges are provided to implement current control through the two widings of a Bipolar Stepper Mo-
tor.
The phase and current level information are programmed over the serial input port (see Serial Interface
Bits definition section).
Four current levels (0%,33%,66%,100%) are programmable through the status of IN0 and IN1 bits in the
Input Serial Port.
This drive enters the fast current decay mode when both the I0_PH_X and I1_PH_X inputs set to the high
logic level (current is recirculated from GND to Vs supply).
A blanking period following a current turn-on event is included to prevent false current protection.
The H Bridges are protected versus cross-conduction.
Thermal protection with hysteresys is provided to the Motor Drivers.
During thermal protection event the Bridge Outputs are forced into a high impedance status.
Table 12. Absolute Maximum Ratings (Tj = 25°C, VS = 32V, unless otherwise specified)
Table 13. Electrical Characteristcs (Tj = 25°C, VS = 32V, unless otherwise specified)
Table 14. Truth Table
Notes: 1. The 100% current is fixed by the sense resistor, and the Maximum Threshold of the Voltage Comparator
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISTEP_O
Pulsed Output Current
1.5
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDS(ON)
ON Resistance
ILOAD = -0.6 A (from output to
GND) or ILOAD = +0.6 A (from
Vs to output) @Tamb = 25°C
0.55
0.4
W
VComp_HT
Comparator High Threshold
Voltage
I0_PH_x = 0
I1_PH_x = 0
500
mV
VComp_MT
Comparator Medium Threshold
Voltage
I0_PH_x = 1
I1_PH_x = 0
333
mV
VComp_LT
Comparator Low Threshold
Voltage
I0_PH_x = 0
I1_PH_x = 1
167
mV
ILEAK_VOFF
VoOFF Output Leakage
Current for Stepper Motor
Driver Outputs
VoOFF = 5V
I0_PH_x = 1
I1_PH_x = 1
0.5
mA
Toff
Off time
20
30
40
µs
Tj
Thermal shutdown
140
°C
Tj(enable_
hysterisys)
Stepper Motor driver thermal
enable junction temperature
hysterisys
20
°C
I0_PH_x
I1_PH
_x
ISTEP_O_PH_x
L
L
100%
HL
66 %
LH
33 %
HH
0 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com