Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics L8202 Datasheet HTML 11Page - STMicroelectronics L8202 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
L8202
8/15
5
DC MOTOR DRIVERS OPERATIONS
L8202 provides PWM bi-directional drive for two DC motors.
The PWM modulation is provided by the MDx_PWM input, and the current direction into the motor by the
MDCx_D bit in the serial input port.
The driver is protected versus overloads on the output lines to a max. current of 2 Amps peak.
The current protection circuit is implemented only on the High Side Drivers, so current protection is pro-
vided to motor currents only, but not to shorts between Motor Outputs to GND or Vs.
A blanking period following a current turn-on event is included to prevent false current protection.
The H Bridges are protected versus cross-conduction.
Thermal protection with hysteresys is provided to the Motor Drivers.
During thermal protection event the Bridge Outputs are forced into a high impedance status.
If nReset is low the motor drive outputs are forced in high impedance
Table 9. Absolute Maximum Ratings (Tj = 25°C, VS = 32V, unless otherwise specified)
Table 10. Electrical Characteristcs (Tj = 25 °C, VS = 32 V, unless otherwise specified)
Table 11. Truth Table
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDC_O
Pulsed Output Current
DC Motor Overcurrent
Threshold
2
1.5
A
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDS(ON)
ON Resistance
ILOAD = -0.75A (from output to
GND) or ILOAD = +0.75A (from
Vs to output) @Tamb =25°
0.31
0.32
W
fPWM
PWM frequency
10
30
KHz
Ton,Toff min.
Minimum Ton and Toff time
500
ns
DCPWM
PWM Duty Cycle range
1
99
%
Internal
Thermal Bit
Inputs
Outputs
MDCx_D
DCx_PWM
DCxA
DCxB
LL
L
H
H
LH
L
H
HL
H
H
HH
H
L
H
X
X
All transistors turned off All transistors turned off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com