Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics L8202 Datasheet HTML 11Page - STMicroelectronics L8202 Datasheet HTML 12Page - STMicroelectronics L8202 Datasheet HTML 13Page - STMicroelectronics L8202 Datasheet HTML 14Page - STMicroelectronics L8202 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
L8202
9
VOLTAGE SUPERVISOR
nRESET is an Output/Input signal (active low), that is used both to provide the information about the status
of Vcc and Vs supplies, both to provide a Reset signal to the internal logic when driven "low" from an ex-
ternal source for a period > 30
µs.
When nRESET is asserted, Motor Drivers and VDD regulator are forced in the inactive state and the Serial
Input Port is loaded with the "Reset Value".
To avoid false assertion due to glitches, nRESET is released to the "high" state with a delay of 100ms.
Delay period is calculated from the moment Vcc is passing the Vcc threshold.
At power down no delay is present, and nRESET is asserted low by Vcc or Vs falling low respect to their
thresholds
Figure 5.
Table 18. Electrical Characteristics (Tj = 25°C, VS = 32V, unless otherwise specified)
Table 19. Switching Characteristics (Tj = 25 °C, VS = 32V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vout_high
High-level output voltage at
nRESET
Ioh = -0.1 mA
Vcc-
0.5V
V
Vout_low
Low-level output voltage at
nRESET
Vcc< VTH_VCC
Vs=38V
0.2
V
Rp_up
Internal pull-up resistance
between Vcc_in and nRESET
23
5
K
Ω
VTH_VCC
Threshold voltage at Vcc &
Vcc_in
Vcc = 3.3V
Vcc_in = 3.3V
2.87
2.82
3.07
3.10
V
Vcc = 5.0V
Vcc_in = 3.3V
4.35
2.87
4.65
3.10
VTH_Vs-
Low threshold voltage at Vs
Vcc > VTH_VCC
Vs decreasing
18.0
20.0
V
VTH_Vs+
High threshold voltage at Vs
Vcc > VTH_VCC
Vs increasing
19.25
21.25
V
VHYST_Vs
Hysteresis Voltage
( VTH_Vs+ ) -( VTH_Vs-)1.2
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Td
nRESET delay
Vcc >= VTH_VCC
70
100
130
ms
Tdeglitch
Vcc out of tolerance
persistence time
nRESET deasserted
Vcc < VTH_VCC
10
20
30
µs
Trise
Rise Time at nRESET
10 to 90%, 50pF Load
750
ns
Tfall
Fall Time at nRESET
90 to 10%, 50pF Load
50
ns
Td
Td
Tdeglitch
Vs
Vcc
nRESET
V TH_VCC
Note A. L8202 ignores very brief transients.
This should be less than Tdeglitch
A
Td
Td
Tdeglitch
Vs
Vcc
nRESET
V TH_VCC
Note A. L8202 ignores very brief transients.
This should be less than Tdeglitch
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com