Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 5 Page - STMicroelectronics

  L8202 Datasheet HTML 1Page - STMicroelectronics L8202 Datasheet HTML 2Page - STMicroelectronics L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
L8202
3
SERIAL INTERFACE
L8202 Analog ASIC integrates an SPI interface (write only) for data exchange with the Digital ASIC.
The Input word is 19 bits long.
3 Input Pins are dedicated to the Serial Interface: nCS (Chip Select, active Low), SDI (Serial Data In),
SCLK (Serial Clock). nCS must be pulled low to activate a Serial Input command.
Data present at the SDI pin are shifted into the L8202 on the 19 rising edges of SCLK.
The first bit present at the SDI, after the nCS is pulled low, and shifted into the L8202 at the first SCLK
rising edge is the LSB. ( SDI will remain at the value presented with the last bit of data ). The low to high
transition of nCS, after the 19th Sclk rising edge, loads the data into the internal L8202 ASIC input register.
The serial interface is cleared by nRESET.
Figure 4. SPI Operation
Table 5. SPI Timing specifications
(Tamb = 25 °C, VS = 32 V, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fck
Serial clock frequency
6
8
12
MHz
Tckhw
SCLK high width
30
ns
Tcklw
SCLK low width
30
ns
Tdelay_cs-sck
Delay nCS falling to first SCLK rising
10
ns
Tdelay_sck-cs
Delay last SCLK rising edge to nCS rising
10
ns
Tdata_setup
Data valid to SCLK set up time
10
ns
Tdata_hold
Data hold time
10
ns
Tdelay_cs
Delay required from (n-1)CS to nCS
10
ns
Tr_data
SDI rise time
0
20
ns
Tf_data
SDI fall time
0
20
ns
Tr/f_sck
SCLK rise/fall time
0
20
ns
nCS
SDI
LSB
MSB
7
Tdelay cs_sck
2
3
4
5
6
17
18
1
0
Tdelay sck_cs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com