Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 1 Page - STMicroelectronics

  L8202 Datasheet HTML 1Page - STMicroelectronics L8202 Datasheet HTML 2Page - STMicroelectronics L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
L8202
February 2005
1
FEATURES
■ Flexible Motor Driver configuration
– 4 DC Motor drivers (1.5A Peak Current) or
– 2 DC Motor drivers & 1 Dual Full Bridge Step-
per Motor driver
■ 2 Switching Voltage regulators
■ 6 Open Drain Drivers
■ Serial Input Port
■ 4 Operational amplifiers
■ Low voltage Supervisor
■ Thermal Protection
2
DESCRIPTION
L8202 is a multifunction analog ASIC designed for
MFP Inkjet printer applications.
L8202 integrates 4 full H Bridge drivers, 2 switch-
ing Buck type voltage regulators, 4 operational
amplifiers, 6 open drain drivers, Reset Generation
circuitry and over temperature protection circuitry.
The regulated Voltages are: VCC that can be ei-
ther 3.3V or +5V and VDD, programmable by a re-
sistor divider network from +3V to +17V
It is possible to increase the Output Current capa-
bility of the VDD regulator by adding an external
discrete Power DMOS.
An internal regulator is present in the IC in order to
supply several internal blocks. The 5V output volt-
age is filtered on pin V5 (Typical filter capacitor =
100nF) .
MULTIFUNCTION ANALOG ASIC
Figure 2. Block Diagram
PWM gen.
1 Stepper motor or
DC motor
2 DC
motor
Drive
DC MTR #2 H
Drive
DC MTR #1 H
Phase A H
Drive
Phase B H
Drive
VPH regulator
Vcc regulator
3.3V or 5V
SERIAL
INTERFACE
Reset gen.
OP.
Amps
LED
Drivers
Vcc switch
Sleep mode
LM358
like
L8202
DC motor
PWM gen.
1 Stepper motor or
DC motor
2 DC
motor
Drive
DC MTR #2 H
Drive
DC MTR #1 H
Phase A H
Drive
Phase B H
Drive
VPH regulator
Vcc regulator
3.3V or 5V
SERIAL
INTERFACE
Reset gen.
OP.
Amps
PWM gen.
1 Stepper motor or
DC motor
2 DC
motor
Drive
DC MTR #2 H
Drive
DC MTR #1 H
Phase A H
Drive
Phase B H
Drive
VPH regulator
Vcc regulator
3.3V or 5V
SERIAL
INTERFACE
Reset gen.
OP.
Amps
LED
Drivers
Vcc switch
Sleep mode
LM358
like
L8202
DC motor
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L8202
TQFP64 (Exposed Pad Down)
TQFP64


Similar Part No. - L8202

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8200 UTC-L8200 Datasheet
194Kb / 6P
CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200 UTC-L8200 Datasheet
149Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-N20-R UTC-L8200G-N20-R Datasheet
194Kb / 6P
CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
206Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
149Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results

Similar Description - L8202

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
ATMEL Corporation
ATA2516 ATMEL-ATA2516 Datasheet
152Kb / 10P
IR Receiver ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
0.15mm Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com