Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics L8202 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
L8202
4
DC/DC CONVERTERS SPECIFICATION
L8202 contains 2 DC/DC converters.
VCC converter is programmable by the Vcc_Select pin for an Output Voltage rated at 3.3V or 5V (1.2A
max.). VDD voltage is programmable by a resistor divider network to voltages from +3V to +17V.
The switching frequency of the two converters is 200KHz.
The Vcc and the VDD regulators are protected by thermal protection circuit with thermal hysteresys (Out-
put Voltages are switched off during thermal protection event). The output voltages, Vcc and VDD are
short circuit protected.
4.1 VCC Regulator
Table 7. Electrical Characteristcs (Tj = 25 °C, VS = 32 V, unless otherwise specified)
4.2 VDD Regulator
Table 8. Electrical Characteristcs (Tj = 25 °C, VS = 32 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC_o
Vcc Regulator Output Voltage.
Vcc value selected by Vcc_select
pin.
Vcc = 3.3V From 10mA to 1.2A
Vcc = 5V From 10mA to 1.2A
3.23
4.90
3.3
5
3.37
5.20
V
V
IOC_detect
Over current Threshold level
1.6
4.8
A
IOC_BK time
Blankig time for overcurrent
detect
400
ns
IVcc_load
Vcc external load current
10
1200
mA
fck
Operating frequency
Tamb = 10 to 55°C
175
200
225
KHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD_O
VDD Regulator Output Voltage
range
24V
≤ Vs ≤ 38V
3
17
V
Vref
Internal reference voltage for error
amp
-2%
1.24
+2%
V
IVDD_load
Vcc external load current
0.01
3.0
A
IOC_det_SU
Over current detect level
During start up
2.0
3.2
A
IOC_det_SC
Over current detect level
During short circuit
4.0
5.5
A
VSen_VDD
Current sense voltage
Using external Power DMOS,
this is a voltage of Ext. resistor
between Vs and VDD_source
-20%
250
+20%
mV
IOC_BK time
Blankig time for overcurrent detect
300
ns
VGS_C
Gate to source clamp voltage
Vs-15
Vs-10
V
TFull_LOAD
Transient time after which max load
can be applied to VDD regulator
Vs high, ASIC receives
command to turn on VDD Reg
75
ms
IST_UP
Maximum load current appliable
during start up.
1.2
A
fck
Operating Frequency
Tamb = 10 to 55°C
175
200
225
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com