Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 2Page - STMicroelectronics L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
L8202
6/15
Table 6. SPI Bit Definition
BIT #
Symbol
RESET
VALUE
DESCRIPTION
0
STAND_BY
1
A Logic “1” inhibits OpAmps and Motors, and puts the L8202 into a lower power
state.
Chip must power up with Stand By Mode active.
VDD regulators operate independently from Stand By Mode.
1
VDD_EN
0
A logic "1" enables the VDD regulator. Chip must power up with the VDD
regulators inactive.
2
MDC1_D
0
Controls the direction of current flow through the DC motor windings. A high level
causes current to flow from DC1A(source) to DC1B(sink).
3
MDC2_D
0
Controls the direction of current flow through the DC motor windings. A high level
causes current to flow from DC2A(source) to DC2B(sink).
4
VSW_EN
1
A high level causes the 5V switch turn on. Chip must power up with the 5V switch
closed.
5
ODD 1
0
Controls Open Drain Driver. A high level causes Open Drain Driver Turn On.
6
ODD 2
0
Controls Open Drain Driver. A high level causes Open Drain Driver Turn On.
7
ODD 3
0
Controls Open Drain Driver. A high level causes Open Drain Driver Turn On.
8
ODD 4
0
Controls Open Drain Driver. A high level causes Open Drain Driver Turn On.
9
ODD 5
0
Controls Open Drain Driver. A high level causes Open Drain Driver Turn On.
10
ODD 6
0
Controls Open Drain Driver. A high level causes Open Drain Driver Turn On.
11
SEL_MTR
0
Selection of motor type. A high level selects DC motor. A logic 0 level selects
Step motor.
12
I1_PH_B
1
This input and I0_PH_B select the output of three comparators to set the current
level. Current also depends on the sensing resistor and reference voltage.
13
I0_PH_B
1
See I1_PH_B
14
D_PH_B
0
This TTL-compatible logic input sets the direction of current flow through the
load. A high level causs current to flow from OUT A (source) to OUT B(sink). A
Schmitt triger on this input provides good noise immunity and a delay circuit
prevents output stage short circuits during switching.
15
I1_PH_A
1
This input and I0_PH_A select the output of three comparators to set the current
level. Current also depends on the sensing resistor and reference voltage.
16
I0_PH_A
1
See I1_PH_A
17
D_PH_A
0
See D_PH_B
18
Test
0
A high level forces the device to enter in Test Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com