Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics L8202 Datasheet HTML 10Page - STMicroelectronics L8202 Datasheet HTML 11Page - STMicroelectronics L8202 Datasheet HTML 12Page - STMicroelectronics L8202 Datasheet HTML 13Page - STMicroelectronics L8202 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
L8202
10/15
7
OPERATIONAL AMPLIFLIERS
L8202 contains four general purpose Op-Amps,with their own Supply rail and Gnd rail. OpAmps are inhib-
ited when L8202 is in sleep mode
Table 15. Absolute Maximum Ratings (Tj = 25°C, VS = 32V, unless otherwise specified)
Table 16. Electrical Characteristcs (Tj = 25°C, VS = 32V, unless otherwise specified)
* Guaranted by design
8
OPEN DRAIN DRIVERS
L8202 contains 6 open Drain Drivers. These drivers are controlled by the Serial Interface by the bit ODD1/
6, each driver is able to sink 30mA from either 3.3V or 5v Supply.
Table 17. Electrical Characteristics (Tj = 25°C, VS = 32V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vcc
Supply Voltage
3.2
5.2
V
Vid
Differential Input Voltage
5.2
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Vinp = Vcc-1.5
-9
9
mV
Avd
Large Signal Voltage Gain
130
V/mV
Vicm
Input Common Mode Voltage
Range
Full range
0
Vcc-
1.5
V
CMR
Common Mode Rejection
Ratio
DC
70
dB
Isource
Output Current Source
Vcc = 5/3.3V
Vo = Vcc-2V
10
20
mA
Isink
Output Sink Current
Vcc = 5/3.3V, Vo = 2V
10
20
mA
VOH
High Level Output Voltage
Sourcing 2mA, Vcc = 5.2V,
full range
Vcc-
0.5
V
VOL
Low Level Output Voltage
Sinking 2mA, Vcc=5.2V, full
range
0.5
V
SR
Slew Rate
Full Range
Cload = 100pF
0.3
V
/µs
GBP
Gain Bandwidth Product
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IODD_H
High State Output Current
ODDx = 0, Vcc = 5.0V or 3.3V
1
µA
VODD_L
Low State Output Voltage
ODDx = 1, Vcc = 5.0V or 3.3V,
Iload = 30mA
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com