Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8202 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L8202
Description  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 2 Page - STMicroelectronics

  L8202 Datasheet HTML 1Page - STMicroelectronics L8202 Datasheet HTML 2Page - STMicroelectronics L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
L8202
2/15
Table 2. Pin Description
Pin
Function
1
PH_A+
Stepper Motor Driver Output A plus
2
R_Sense_A
Phase A Stepper Motor Driver Current Sense Resistor
3
PH_A-
Stepper Motor Driver Output A minus
4
No Connection
5
Test
This pin is used to measure internal Temperature of ASIC.
6
VDD_gate
Gate drive pin for external Power DMOS. N/C when internal FET is used.
7
VDD_source1
Source pin #1 for VDD internal FET. Used as differential input when external Power
DMOS is used.
8
VDD_source2
Source pin #2 for VDD internal FET. Used as differential input when external Power
DMOS is used.
9
VDD_drain1
Drain pin #1 for VDD internal FET. N/C when an external Power DMOS is used.
10
VDD_drain2
Drain pin #2 for VDD internal FET. N/C when an external Power DMOS is used.
11
Vs(VDD)
VDD regulator Supply voltage.
12
VDD_FB
Feedback for VDD Regulator
13
No Connection
14
PH_B-
Stepper Motor Driver Output B minus
15
R_Sense_B
Phase B Stepper Motor Driver Current Sense Resistor
16
PH_B+
Stepper Motor Driver Output B plus
17
Vs(DC4)
DC4 or Stepper PH_B Supply voltage.
18
Vs(Vcc)
Source pin for Vcc Regulator. Internally tied to other Vs.
19
Vcc_out
Output pin for Vcc Regulator
20
ODD 6
Open Drain Driver #6
21
Vcc_Select
This pin is used to select 5V or 3.3V for Vcc
22
Vcc_FB
Feedback for Vcc Regulator
23
DC4_PWM
PWM input for DC motor driver #4
24
DC3_PWM
PWM input for DC motor driver #3
25
DC1_PWM
PWM input for DC motor driver #1
26
DC2_PWM
PWM input for DC motor driver #2
27
Analog_GND
Analog Ground.
28
Vcc_Switch_Out
Vcc switched output pin.
29
Vcc_In
Vcc input pin.
30
V5
5V output pin.
31
No Connection.
32
Vs(DC1)
DC1 Supply voltage.
33
DC1B
Negative output for DC motor driver #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com