Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet (PDF) - Cirrus Logic

CS5317 Datasheet PDF - Cirrus Logic
Part # CS5317
Download  CS5317 Download
File Size   357.46 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit, 20 kHz Oversampling A/D Converter

CS5317 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5317 Datasheet PDF - Cirrus Logic

Part # CS5317
Download  CS5317 Click to download

File Size   357.46 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit, 20 kHz Oversampling A/D Converter

CS5317 Datasheet (HTML) - Cirrus Logic


CS5317 Product details

Description
The CS5317 is an ideal analog front-end for voiceband signal processing applications such as high-performance modems, passive sonar, and voice recognition systems. It includes a 16-bit A/D converter with an internal track & hold amplifier, a voltage reference, and a linear-phase digital filter.

Features
● Complete Voiceband DSP Front-End
    - 16-Bit A/D Converter
    - Internal Track & Hold Amplifier
    - On-Chip Voltage Reference
    - Linear-Phase Digital Filter
● On-Chip PLL for Simplified Output Phase Locking in Modem Applications
● 84 dB Dynamic Range
● 80 dB Total Harmonic Distortion
● Output Word Rates up to 20 kHz
● DSP-Compatible Serial Interface
● Low Power Dissipation: 220 mW




Similar Part No. - CS5317

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Fuji Electric
CS53-16A FUJI-CS53-16A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-18A FUJI-CS53-18A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-20A FUJI-CS53-20A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results


Similar Description - CS5317

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com