Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5317 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5317 Datasheet HTML 1Page - Cirrus Logic CS5317 Datasheet HTML 2Page - Cirrus Logic CS5317 Datasheet HTML 3Page - Cirrus Logic CS5317 Datasheet HTML 4Page - Cirrus Logic CS5317 Datasheet HTML 5Page - Cirrus Logic CS5317 Datasheet HTML 6Page - Cirrus Logic CS5317 Datasheet HTML 7Page - Cirrus Logic CS5317 Datasheet HTML 8Page - Cirrus Logic CS5317 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SWITCHING CHARACTERISTICS (TA = TMIN-TMAX; CL=50 pF; VD+ = 5V±10%; VD- = -5V±10%)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency:
CLKIN
CLKG1 Mode
CLKG2 Mode
CLKOR Mode
fclkg1
fclkg2
fclkor
-
-
-
-
-
-
20
10
5.12
kHz
kHz
MHz
Output Word Rate:
DOUT
fdout
--
20
kHz
Rise Times:
Any Digital Input
Any Digital Output
trisein
triseout
-
-
20
15
1000
20
ns
ns
Fall Times:
Any Digital Input
Any Digital Output
tfallin
tfallout
-
-
20
15
1000
20
ns
ns
CLKIN Duty Cycle
CLKG1 and CKLG2 Modes
Pulse Width Low
Pulse Width High
CLKOR Mode
Pulse Width Low
Pulse Width High
tpwl1
tpwh1
tpwl1
tpwh1
200
200
45
45
-
-
-
-
-
-
-
-
ns
ns
ns
ns
RST Pulse Width Low
tpwr
400
-
-
ns
Set Up Times:
RST High to CLKIN High
CLKIN High to RST High
tsu1
tsu2
40
40
-
-
-
-
ns
ns
Propagation Delays:
DOE Falling to Data Valid
CLKIN Rising to DOUT Falling
(Note 11)
DOE Rising to Hi-Z Output
CLKOUT Rising to DOUT Falling
CLKOUT Rising to DOUT Rising
CLKOUT Rising to Data Valid
CLKIN Rising to CLKOUT Falling
(Note 12)
CLKIN Rising to CLKOUT Rising
(Note 12)
tphl1
tphl2
tplh1
tplh2
tplh3
tplh4
tplh5
tplh6
-
-
-
-
-
-
-
-
-
1
-
-
-
-
-
-
150
-
80
60
60
100
200
200
ns
CLKOUT
cycles
ns
ns
ns
ns
ns
Notes: 11. CLKIN only pertains to CLKG1 and CLKG2 modes.
12. Only valid in CLKOR mode.
ABSOLUTE MAXIMUM RATINGS (DGND, AGND = 0V, all voltages with repect to groung)
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
(VA+) + 0.3
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies
(Note 13)
Iin
-
±10
mA
Analog Input Voltage (AIN and VREF pins)
VINA
(VA-) - 0.3
(VA+) + 0.3
V
Digital Input Voltage
VIND
-0.3
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Notes: 13. Transient currents up to 100mA will not cause SCR latch-up.
WARNING:Operating this device at or beyond these extremes may result in permanent damage to the device.
Normal operation of the part is not guaranteed at these extremes.
CS5317
4
DS27F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com